Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52H-B15 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZT52H-B15
Description  Single Zener diodes in a SOD123F package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZT52H-B15 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZT52H-B15 Datasheet HTML 1Page - NXP Semiconductors BZT52H-B15 Datasheet HTML 2Page - NXP Semiconductors BZT52H-B15 Datasheet HTML 3Page - NXP Semiconductors BZT52H-B15 Datasheet HTML 4Page - NXP Semiconductors BZT52H-B15 Datasheet HTML 5Page - NXP Semiconductors BZT52H-B15 Datasheet HTML 6Page - NXP Semiconductors BZT52H-B15 Datasheet HTML 7Page - NXP Semiconductors BZT52H-B15 Datasheet HTML 8Page - NXP Semiconductors BZT52H-B15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BZT52H_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 7 December 2010
4 of 13
NXP Semiconductors
BZT52H series
Single Zener diodes in a SOD123F package
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =10mA
[1] --
0.9
V
Table 8.
Characteristics per type; BZT52H-B2V4 to BZT52H-C24
Tj =25 °C unless otherwise specified.
BZT52H
-xxx
Sel
Working
voltage
VZ (V);
IZ =5mA
Maximum differential
resistance rdif (Ω)
Reverse
current IR (μA)
Temperature
coefficient
SZ (mV/K);
IZ =5mA
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
Min
Max
IZ =1mA
IZ =5mA
Max
VR (V)
Min
Max
Max
Max
2V4
B
2.35
2.45
400
85
50
1
−3.5
0.0
450
6.0
C2.2
2.6
2V7
B
2.65
2.75
500
83
20
1
−3.5
0.0
450
6.0
C2.5
2.9
3V0
B
2.94
3.06
500
95
10
1
−3.5
0.0
450
6.0
C2.8
3.2
3V3
B
3.23
3.37
500
95
5
1
−3.5
0.0
450
6.0
C3.1
3.5
3V6
B
3.53
3.67
500
95
5
1
−3.5
0.0
450
6.0
C3.4
3.8
3V9
B
3.82
3.98
500
95
3
1
−3.5
0.0
450
6.0
C3.7
4.1
4V3
B
4.21
4.39
500
95
3
1
−3.5
0.0
450
6.0
C4.0
4.6
4V7
B
4.61
4.79
500
78
3
2
−3.5
0.2
300
6.0
C4.4
5.0
5V1
B
5.0
5.2
480
60
2
2
−2.7
1.2
300
6.0
C4.8
5.4
5V6
B
5.49
5.71
400
40
1
2
−2.0
2.5
300
6.0
C5.2
6.0
6V2
B
6.08
6.32
150
10
3
4
0.4
3.7
200
6.0
C5.8
6.6
6V8
B
6.66
6.94
80
8
2
4
1.2
4.5
200
6.0
C6.4
7.2
7V5
B
7.35
7.65
80
10
1
5
2.5
5.3
150
4.0
C7.0
7.9
8V2
B
8.04
8.36
80
10
0.7
5
3.2
6.2
150
4.0
C7.7
8.7


Similar Part No. - BZT52H-B15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-B15 PHILIPS-BZT52H-B15 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
BZT52H-B15 NEXPERIA-BZT52H-B15 Datasheet
333Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
BZT52H-B15-Q NEXPERIA-BZT52H-B15-Q Datasheet
314Kb / 14P
   Voltage regulator diodes
Rev. 1 - 4 October 2021
More results

Similar Description - BZT52H-B15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H PHILIPS-BZT52H Datasheet
289Kb / 10P
   Single Zener diodes in a SOD123F package
Rev. 01-22 December 2005
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com