Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12050LAST Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12050LAST
Description  6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12050LAST Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH12050LAST Datasheet HTML 7Page - Texas Instruments PTH12050LAST Datasheet HTML 8Page - Texas Instruments PTH12050LAST Datasheet HTML 9Page - Texas Instruments PTH12050LAST Datasheet HTML 10Page - Texas Instruments PTH12050LAST Datasheet HTML 11Page - Texas Instruments PTH12050LAST Datasheet HTML 12Page - Texas Instruments PTH12050LAST Datasheet HTML 13Page - Texas Instruments PTH12050LAST Datasheet HTML 14Page - Texas Instruments PTH12050LAST Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
PTH12050W/L
SLTS214H – MAY 2003 – REVISED OCTOBER 2007
Table 4. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max ESR
Max Ripple
Capacitor Vendor,
Working
Vendor Number
Value
at
Current at
Physical Size
Input
Output
Type/Series (Style)
Voltage
(µF)
100 kHz
85
°C (Irms)
(mm)
Bus
Bus
(V)
(
Ω)
(mA)
Panasonic, Aluminum
25
330
0.090
775
10
× 12,5
1
1
EEUFC1E331
FC (Radial)
35
180
0.090
775
10
× 12,5
1
1
EEUFC1V181
FK (SMD)
25
470
0.080
850
10
× 10,2
1
1
EEVFK1E471P
United Chemi-Con
PXA-Poly-Aluminum (SMD)
16
150
0.026
3430
10
× 7,7
1
≤4
PXA16VC151MJ80TP
PS (Radial)
20
100
0.024
3300
8
× 11,5
1
≤4
20PS100MH11
LXZ, Aluminum (Radial)
35
220
0.090
760
10
× 12,5
1
1
LXZ35VB221M10X12LL
Nichicon Aluminum
HD (Radial)
25
220
0.072
760
8
× 11,5
1
1
UHD1E221MPR
PM (Radial)
35
220
0.090
770
10
× 15
1
1
UPM1V221MHH6
Panasonic, Poly-Aluminum
S/SE (SMD)
6.3(2)
180
0.005
4000
7,3
× 4,3 × 4,2
N/R(3)
≤1
EEFSE0J181R (VO ≤ 5.1 V)
Sanyo
SVP, Os-con (SMD)
20
100
0.024
>3300
8
× 12
1
≤4
20SVP100M
SEQP, Os-con (Radial)
20
100
0.024
>3300
8
× 12
1
≤4
20SEQP100M
TPE, Pos-Cap (SMD)
10
220
0.025
>2400
7,3
× 5,7
N/R(3)
≤4
10TPE220ML
AVX, Tantalum
10
100
0.100
>1090
7,3
×4,3×4,1
N/R(3)
≤5
TPSD107M010R0100
TPS (SMD)
10
220
0.100
>1414
7,3
×4,3×4,1
N/R(3)
≤5
TPSV227M010R0100
25
68
0.095
>1451
7,3
×4,3×4,1
2
≤5
TPSV686M025R0080
Kemet
T520, Poy-Tant (SMD)
10
100
0.080
1200
7,3x5,7x4
N/R(3)
≤5
T520D107M010AS
T495, Tantalum (SMD)
10
100
0.100
>1100
7,3x5,7x4
N/R(3)
≤5
T495X107M010AS
Vishay-Sprague
10
150
0.090
1100
7,3
×6×4,1
N/R(3)
≤5
594D157X0010C2T
594D, Tantalum (SMD)
25
68
0.095
1600
7,3
×6×4,1
2
≤5
594D686X0025R2T
94SP, Organic (Radial)
16
100
0.070
2890
10
× 10,5
1
≤5
94SP107X0016FBP
94SVP, Organic (SMD)
20
100
0.025
3260
8
× 12
1
≤4
94SVP107X0020E12
Kemet, Ceramic X5R (SMD)
16
10
0.002
1210 case
1(4)
≤5
C1210C106M4PAC
6.3
47
0.002
3225 mm
N/R(3)
≤5
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3
100
0.002
1210 case
N/R(3)
≤3
GRM32ER60J107M
6.3
47
3225 mm
N/R(3)
≤5
GRM32ER60J476M
16
22
1(4)
≤5
GRM32ER61C226L
16
10
1(4)
≤5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3
100
0.002
1210 case
N/R(3)
≤3
C3225X5ROJ107MT
6.3
47
3225 mm
N/R(3)
≤5
C3225X5ROJ476MT
16
22
1(4)
≤5
C3225X5R1C226MT
16
10
1(4)
≤5
C3225X5R1C106MT
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2)
The voltage rating of this capacitor only allows it to be used for output voltages that are equal to or less than 5.1 V.
(3)
N/R – Not recommended. The capacitor voltage rating does not meet the minimum operating limits.
(4)
Ceramic capacitors are required to complement electrolytic types at the input and to reduce high-frequency ripple current.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PTH12050W/L


Similar Part No. - PTH12050LAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050L TI-PTH12050L Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Emerson Network Power
PTH12050L EMERSON-NETWORKPOWER-PTH12050L Datasheet
855Kb / 5P
   12 Vin
More results

Similar Description - PTH12050LAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com