Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA373AIDBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA373AIDBVR
Description  6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA373AIDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA373AIDBVR Datasheet HTML 5Page - Texas Instruments OPA373AIDBVR Datasheet HTML 6Page - Texas Instruments OPA373AIDBVR Datasheet HTML 7Page - Texas Instruments OPA373AIDBVR Datasheet HTML 8Page - Texas Instruments OPA373AIDBVR Datasheet HTML 9Page - Texas Instruments OPA373AIDBVR Datasheet HTML 10Page - Texas Instruments OPA373AIDBVR Datasheet HTML 11Page - Texas Instruments OPA373AIDBVR Datasheet HTML 12Page - Texas Instruments OPA373AIDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
9
APPLICATIONS
The OPA373 and OPA374 series op amps are unity-gain
stable and suitable for a wide range of general-purpose
applications. Rail-to-rail input and output make them ideal
for driving sampling Analog-to-Digital Converters (ADCs).
Excellent ac performance makes them well-suited for
audio applications. The class AB output stage is capable
of driving 100k
Ω loads connected to any point between V+
and ground.
The input common-mode voltage range includes both
rails, allowing the OPA373 and OPA374 series op amps to
be used in virtually any single-supply application up to a
supply voltage of +5.5V.
Rail-to-rail input and output swing significantly increases
dynamic range, especially in low-supply applications.
Power-supply pins should be bypassed with 0.01
µF
ceramic capacitors.
OPERATING VOLTAGE
The OPA373 and OPA374 op amps are specified and
tested over a power-supply range of +2.7V to +5.5V
(
±1.35V to ±2.75V). However, the supply voltage may
range from +2.3V to +5.5V (
±1.15V to ±2.75V). Supply
voltages higher than 7.0V (absolute maximum) can
permanently damage the amplifier. Parameters that vary
over supply voltage or temperature are shown in the
Typical Characteristics section of this data sheet.
COMMON-MODE VOLTAGE RANGE
The input common-mode voltage range of the OPA373
and OPA374 series extends 200mV beyond the supply
rails. This is achieved with a complementary input
stage—an N-channel input differential pair in parallel with
a P-channel differential pair. The N-channel pair is active
for input voltages close to the positive rail, typically
(V+) − 1.65V to 200mV above the positive supply, while
the P-channel pair is on for inputs from 200mV below the
negative supply to approximately (V+) − 1.65V. There is a
500mV transition region, typically (V+) − 1.9V to
(V+) − 1.4V, in which both pairs are on. This 500mV
transition region, shown in Figure 1, can vary
±300mV with
process variation. Thus, the transition region (both stages
on) can range from (V+) − 2.2V to (V+) − 1.7V on the low
end, up to (V+) − 1.6V to (V+) − 1.1V on the high end.
Within the 500mV transition region PSRR, CMRR, offset
voltage, offset drift, and THD may be degraded compared
to operation outside this region.
Common−Mode Voltage (V)
0.5 0 0.5
V
1.0 1.5
2.0 2.5
3.0
3.5
4.0 4.5 5.0
5.5
6.0
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
V+
Figure 1. Behavior of Typical Transition Region at
Room Temperature
RAIL-TO-RAIL INPUT
The input common-mode range extends from (V−) − 0.2V
to (V+) + 0.2V. For normal operation, inputs should be
limited to this range. The absolute maximum input voltage
is 500mV beyond the supplies. Inputs greater than the
input common-mode range but less than the maximum
input voltage, while not valid, will not cause any damage
to the op amp. Unlike some other op amps, if input current
is limited, the inputs may go beyond the supplies without
phase inversion, as shown in Figure 2.
1
µs/div
5V
0V
V
IN
V
OUT
G= +1V/V, V
S =5V
Figure 2. OPA373: No Phase Inversion with
Inputs Greater Than the Power-Supply Voltage
Normally, input bias current is approximately 500fA;
however, input voltages exceeding the power supplies by
more than 500mV can cause excessive current to flow in
or out of the input pins. Momentary voltages greater than
500mV beyond the power supply can be tolerated if the
current on the input pins is limited to 10mA. This is easily
accomplished with an input resistor; see Figure 3. (Many
input signals are inherently current-limited to less than
10mA, therefore, a limiting resistor is not required.)


Similar Part No. - OPA373AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA373AIDBVR BURR-BROWN-OPA373AIDBVR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA373AIDBVR TI1-OPA373AIDBVR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA373AIDBVRG4 TI1-OPA373AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - OPA373AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com