Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4596DBVRE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # MAX4596DBVRE4
Description  SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX4596DBVRE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MAX4596DBVRE4 Datasheet HTML 7Page - Texas Instruments MAX4596DBVRE4 Datasheet HTML 8Page - Texas Instruments MAX4596DBVRE4 Datasheet HTML 9Page - Texas Instruments MAX4596DBVRE4 Datasheet HTML 10Page - Texas Instruments MAX4596DBVRE4 Datasheet HTML 11Page - Texas Instruments MAX4596DBVRE4 Datasheet HTML 12Page - Texas Instruments MAX4596DBVRE4 Datasheet HTML 13Page - Texas Instruments MAX4596DBVRE4 Datasheet HTML 14Page - Texas Instruments MAX4596DBVRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MAX4596
SINGLECHANNEL 10 W SPST ANALOG SWITCH
SLLS641 – JANUARY 2005
www.ti.com
11
NO
COM
VNO
VCOM
Channel OFF: NO to COM
Network Analyzer Setup
Source Voltage = 1 VRMS
DC Bias = 350 mV
50
W
V+
GND
50
W
50
W
Network Analyzer
Source
Signal
IN
VI
+
VI = V+ or GND
Figure 19. OFF Isolation (OISO)
V+
GND
NO
IN
RGEN
VI
COM
VCOM
CL(1)
OFF
VCOM
ON
OFF
∆VCOM
VGEN
+
VI = VIH or VIL
CL = 1 nF
VGEN = 0 to V+
RGEN = 0
QC =CL×∆VCOM
Logic
Input(2)
VIH
VIL
Logic
Input
(VI)
(1) CL includes probe and jig capacitance.
(2) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
Figure 20. Charge Injection (QC)
GND
NO
COM
CL(1)
V+/2
IN
VI
600
W
600
W
Audio Analyzer
Source
Signal
RL = 600 Ω
CL = 50 pF
VSOURCE = V+ P-P
fSOURCE = 20 Hz to 20 kHz
Channel ON: COM to NO
−V+/2
VI = V+/2 or −V+/2
(1) CL includes probe and jig capacitance.
Figure 21. Total Harmonic Distortion (THD)


Similar Part No. - MAX4596DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596DBVRE4 TI-MAX4596DBVRE4 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
More results

Similar Description - MAX4596DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com