Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4596DCKRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MAX4596DCKRG4
Description  SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX4596DCKRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX4596DCKRG4 Datasheet HTML 3Page - Texas Instruments MAX4596DCKRG4 Datasheet HTML 4Page - Texas Instruments MAX4596DCKRG4 Datasheet HTML 5Page - Texas Instruments MAX4596DCKRG4 Datasheet HTML 6Page - Texas Instruments MAX4596DCKRG4 Datasheet HTML 7Page - Texas Instruments MAX4596DCKRG4 Datasheet HTML 8Page - Texas Instruments MAX4596DCKRG4 Datasheet HTML 9Page - Texas Instruments MAX4596DCKRG4 Datasheet HTML 10Page - Texas Instruments MAX4596DCKRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MAX4596
SINGLECHANNEL 10 W SPST ANALOG SWITCH
SLLS641 – JANUARY 2005
www.ti.com
7
TYPICAL PERFORMANCE
6
7
8
9
10
11
12
Figure 7. tON and tOFF vs Temperature (V+ = 5 V)
TA (5C)
tON
tOFF
−40
°C25°C85°C
0
1
2
3
012
345
6
Figure 8. Logic-Level Threshold vs V+
V+ (V)
VIH
VIL
−4.0
−3.5
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
Figure 9. Bandwidth (Gain vs Frequency)
(V+ = 5 V)
Frequency (MHz)
0.1
1
1000
10
100
−120
−100
−80
−60
−40
−20
0
Figure 10. Off Isolation vs Frequency
Frequency (MHz)
0.1
1
1000
10
100
0
1
2
3
4
5
6
7
8
9
10
−40
°C25°C85°C
Figure 11. Power-Supply Current vs
Temperature
TA (5C)
V+ = 3 V
V+ = 5 V
0.00
0.05
0.10
0.15
0.20
Frequency (MHz)
0.1
1
1000
10
100
V+ = 3 V
V+ = 5 V
Figure 12. Total Harmonic Distortion vs
Frequency


Similar Part No. - MAX4596DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596DCKR TI-MAX4596DCKR Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRE4 TI-MAX4596DCKRE4 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
More results

Similar Description - MAX4596DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com