Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5351 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD5351
Description  Enhanced Dual bit 20bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5351 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD5351 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5351 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5351 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5351 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5351 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5351 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5351 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5351 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD5351 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ASAHI KASEI
[AK5351]
0166-E-00
1997/4
- 8 -
„
„
„
„ SWITCHING CHARACTERISTICS
(Ta=25
°C; VA,VD,VB=5.0V±10%; CL=20pF)
Parameter
Symbol
min
typ
max
Unit
Control Clock Frequency
Master Clock
256fs:
Pulse width Low
Pulse width High
384fs:
Pulse width Low
Pulse width High
Serial Data Output Clock
Channel Select Clock(Sampling Frequency)
Duty Cycle
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fSLK
fs
2.048
30.0
30.0
3.072
20.0
20.0
8
25
12.288
18.432
3.072
48
13.824
20.736
6.912
54
75
MHz
ns
ns
MHz
ns
ns
MHz
kHz
%
Serial Interface Timing
(Note 14 )
Slave Mode(SMODE1="L")
SCLK Period
SCLK Pulse width Low
Pulse width High
SCLK Rising to LRCK Edge (Note 15 )
LRCK Edge to SCLK Rising (Note 15 )
LRCK Edge to SDATA MSB Valid
SCLK Falling to SDATA Valid
SCLK Rising to FSYNC Edge(Note 15 )
FSYNC Edge to SCLK Rising(Note 15 )
Master Mode(SMODE1="H")
SCLK Frequency
Duty Cycle
FSYNC Frequency
Duty Cycle
SCLK Falling to LRCK Edge
LRCK Edge to FSYNC Rising
SCLK Falling to SDATA Valid
SCLK Falling to FSYNC Edge
tSLK
tSLKL
tSLKH
tSHLR
tLRSH
tDLR
tDSS
tSHF
tFSH
fSLK
fFSYNC
tSLR
tLRF
tDSS
tSF
144.7
65
65
30
30
30
30
-20
-20
64fs
50
2fs
50
1
50
50
20
50
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
Hz
%
Hz
%
ns
tslk
ns
ns
Power down timing
PD Pulse width
PD Rising to SDATA Valid
(Note 16 )
tPDW
tPDV
150
516
ns
1/fs
Note 14 : Refer to Serial Data Interface.
Note 15 : Specified LRCK and FSYNC edges not to coincide with the rising edges of SCLK.
Note 16 : The number of LRCK rising edges after PD brought high. The value is in master mode.
In slave mode it becomes one LRCK clock(1/fs) longer.


Similar Part No. - AKD5351

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5351 AKM-AKD5351 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AKD5351 AKM-AKD5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
More results

Similar Description - AKD5351

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
   Enhanced Dual Bit 24Bit ADC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
   12-bit ADC Enhanced
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com