Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6518SQ Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6518SQ
Description  LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6518SQ Datasheet(HTML) 4 Page - Texas Instruments

  LMH6518SQ Datasheet HTML 1Page - Texas Instruments LMH6518SQ Datasheet HTML 2Page - Texas Instruments LMH6518SQ Datasheet HTML 3Page - Texas Instruments LMH6518SQ Datasheet HTML 4Page - Texas Instruments LMH6518SQ Datasheet HTML 5Page - Texas Instruments LMH6518SQ Datasheet HTML 6Page - Texas Instruments LMH6518SQ Datasheet HTML 7Page - Texas Instruments LMH6518SQ Datasheet HTML 8Page - Texas Instruments LMH6518SQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LMH6518
SNOSB21C – MAY 2008 – REVISED JULY 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, Input CM = 2.5V, VCM = 1.2V, VCM_Aux = 1.2V, Single-ended
input drive, VCC = 5V, VDD = 3.3V, RL = 100Ω differential (both Main & Auxiliary Outputs), VOUT = 0.7 VPP differential (both
Main & Auxiliary Outputs), both Main and Auxiliary Output Specifications, full bandwidth setting, gain = 18.8 dB (Preamp LG,
0 dB ladder attenuation), Full Power setting
(2). Electrical Characteristics Definition of Terms and Specifications for
abbreviations used in the datasheet. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min(3)
Typ(4)
Max(3)
Units
Gain_Step
Gain Step Size
All Gains including Preamp Step
1.8
2
2.2
dB
Gain
Step
Size
with
ADC
(See ADC FS Adjusted
8.5
mdB
Applications Information)
Gain_Range
Gain Range
39
40
41
dB
TC_AV_DIFF
Gain Temp Coefficient (7)
All Gains
−0.8
mdB/°C
Gain_ACC
Absolute Gain Accuracy
Compared to theoretical from
0.75
+0.75
dB
Max Gain in 2 dB steps
Matching
Gain_match
Gain Matching Main/Auxiliary
All Gains
±0.1
±0.2
dB
BW_match
−3 dB Bandwidth Matching
All Gains
5
%
Main/Auxiliary
RT_match
Rise Time Matching Main/ Auxiliary
All Gains
5
%
PD_match
Propagation Delay Matching
All Gains
100
ps
Main/Auxiliary
Analog I/O
CMRR_1
CM Rejection Ratio (see Table 1)
Preamp HG, 0 dB Ladder, 1.9V <
45
86
CMVR < 3.1V
dB
CMRR_2
Preamp LG, 0 dB Ladder, 1.9V <
40
55
CMVR < 3.1V
CMVR_1
Input Common Mode Voltage Range
Preamp HG, All Ladder Steps, CMRR
1.9
3.1
≥ 45 dB
V
CMVR_2
Preamp LG, All Ladder Steps, CMRR
1.9
3.1
≥ 40 dB
|
ΔVO_CMI_CM|
All Gains, 2V < CMVR < 3V
−60
−100
dB
CMRR_CM
CM Rejection Ratio relative to VCM (see Preamp LG, 0 dB
101
dB
Table 1)
Zin_diff
Differential Input Impedance
All Gains
150||1.5
K
Ω ||
Zin_CM
CM Input impedance
Preamp HG
420||1.7
pF
Preamp LG
900||1.7
FSOUT1
Full Scale Voltage Swing
Main Output, THD @ 100 MHz
770(8)
800
−40 dBc, All Gains
FSOUT2
Main Output, Clamped, 0 dB Ladder
1800
1960
mVPP
FSOUT3
Auxiliary Output, THD @ 100 MHz
770(8)
800
−40 dBc All Gains
FSOUT4
Auxiliary
Output,
Clamped,0
dB
1600
1760
Ladder
VOUT_MAX1
Voltage range at each output pin
Main Output, All gains, VCM = 1.2V
0.5
1.8
(clamped)
VOUT_MAX2
Auxiliary Output, All Gains,
0.8
2.2
VCM = 1.2V
V
VOUT_MAX3
Main Output, All Gains, VCM = 1.45V
2.05
VOUT_MAX4
Auxiliary output, All gains,
2.45
VCM = 1.45V
ZOUT_DIFF
Differential Output Impedance
All Gains
92
100
108
VOOS
Output Offset Voltage
All Gains
±15
±40
mV
VOOS_shift1
Output Offset Voltage Shift
Preamp LG to Preamp HG
13.7
mV
VOOS_shift2
All Gains, Excluding Preamp Step
12.7
(7)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(8)
Specified by design.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6518


Similar Part No. - LMH6518SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518SQE TI1-LMH6518SQE Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518SQX TI1-LMH6518SQX Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
More results

Similar Description - LMH6518SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6518 TI1-LMH6518_14 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com