Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812SDF-2R2M-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1812SDF-2R2M-LFR
Description  SMD Square Drum Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1812SDF-2R2M-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  1812SDF-2R2M-LFR Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Choke: P/N 1812SDFC series
Rev. B
Jan. 10, 2012. Page: 1 of 1
Frontier Electronics Corp.
®
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web:
http://www.frontierusa.com
SMD Square Drum Inductors—1812SDF series
A.
Electrical specifications:
Part No.
Mark
L (uH)
Tolerance
Test Freq.
SRF TYP.
(MHz)
DCR (
Ω)
Max.
IDC Max.
(A)
1812SDF-1R0-LFR
1R0
1.00
M
1.0 KHz
100
0.08
1.080
1812SDF-1R5-LFR
1R5
1.50
M
1.0 KHz
85.0
0.09
1.000
1812SDF-2R2-LFR
2R2
2.20
M
1.0 KHz
60.0
0.11
0.900
1812SDF-3R3-LFR
3R3
3.30
M
1.0 KHz
47.0
0.13
0.800
1812SDF-4R7-LFR
4R7
4.70
M, K
1.0 KHz
35.0
0.15
0.750
1812SDF-6R8-LFR
6R8
6.80
M, K
1.0 KHz
30.0
0.20
0.720
1812SDF-100-LFR
100
10.0
K, J
1.0 KHz
23.0
0.24
0.650
1812SDF-150-LFR
150
15.0
K, J
1.0 KHz
20.0
0.32
0.570
1812SDF-220-LFR
220
22.0
K, J
1.0 KHz
15.0
0.60
0.420
1812SDF-330-LFR
330
33.0
K, J
1.0 KHz
12.0
1.00
0.310
1812SDF-470-LFR
470
47.0
K, J
1.0 KHz
10.0
1.10
0.280
1812SDF-680-LFR
680
68.0
K, J
1.0 KHz
8.4
1.07
0.220
1812SDF-101-LFR
101
100
K, J
1.0 KHz
6.8
2.20
0.190
1812SDF-151-LFR
151
150
K, J
1.0 KHz
5.5
3.50
0.130
1812SDF-221-LFR
221
220
K, J
1.0 KHz
4.5
4.00
0.110
1812SDF-331-LFR
331
330
K, J
1.0 KHz
3.6
6.80
0.100
1812SDF-471-LFR
471
470
K, J
1.0 KHz
3.0
8.50
0.090
B.
Mechanical dimensions: (Unit: mm)
SERIES
A
B
C
D
E
F
Type
1812SDF
4.5 ± 0.30
3.2 ± 0.30
2.6 ± 0.30
1.0 (Min.)
1.0 (Min.)
4.0 Ref.
2
Type: 2
C.
Feature:
1.  (Tolerance): J = ± 5%, K = ± 10%, M = ± 20%.
2. Operating temperature: -25ºC TO +85ºC.
3. Electrical specifications at +25ºC.
4. Inductance measured on the HP4284A LCR meter
5. DCR measured on the 502BC milli-ohm meter.
6. I DC: Inductance drops no more than 10% at rated current or the
Δt ≤ 40ºC.
7. Temperature rises Δ t < 40ºC (Typical) at rated current and room temperature 20ºC.
8. Tape and reel packing. Suitable for IR re-flows soldering.
9. RoHS compliant parts.
D. Applications:
Power supply line choke.
DC-DC Converters.
Notebooks.
Filters.
Telecommunications devices.
Special specifications are available for customer’s requirement.


Similar Part No. - 1812SDF-2R2M-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1812SDF-2R2 FRONTIER-1812SDF-2R2 Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
More results

Similar Description - 1812SDF-2R2M-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1206SDFC FRONTIER-1206SDFC Datasheet
139Kb / 2P
   SMD SQUARE DRUM INDUCTORS
1812SDF FRONTIER-1812SDF_15 Datasheet
122Kb / 1P
   SMD SQUARE DRUM INDUCTORS
1210SDF FRONTIER-1210SDF_15 Datasheet
118Kb / 1P
   SMD SQUARE DRUM FERRITE-CORE INDUCTORS
1210SDF-1R0 FRONTIER-1210SDF-1R0 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF FRONTIER-2220SDF_15 Datasheet
128Kb / 1P
   SMD SQUARE DRUM FERRITE-CORE INDUCTORS
1210SDF FRONTIER-1210SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1812SDF FRONTIER-1812SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF-R12 FRONTIER-2220SDF-R12 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1206SDF FRONTIER-1206SDF Datasheet
96Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF FRONTIER-2220SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com