Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4245 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE4245
Description  SPDT UltraCMOS RF Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4245 Datasheet(HTML) 7 Page - Peregrine Semiconductor

  PE4245 Datasheet HTML 1Page - Peregrine Semiconductor PE4245 Datasheet HTML 2Page - Peregrine Semiconductor PE4245 Datasheet HTML 3Page - Peregrine Semiconductor PE4245 Datasheet HTML 4Page - Peregrine Semiconductor PE4245 Datasheet HTML 5Page - Peregrine Semiconductor PE4245 Datasheet HTML 6Page - Peregrine Semiconductor PE4245 Datasheet HTML 7Page - Peregrine Semiconductor PE4245 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Product Specification
PE4245
©2003-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0104-07
│ www.psemi.com
Page 7 of 8
Table 6. Dimensions
Dimension
DFN 3x3 mm
Ao
3.23 ± 0.1
Bo
3.17 ± 0.1
Ko
1.37 ± 0.1
P
4 ± 0.1
W
8 +0.3, -0.1
T
0.254 ± 0.02
R7 Quantity
3000
R13 Quantity
N.A.
Note: R7 = 7 inch Lock Reel, R13 = 13 inch Lock Reel
6-lead DFN
Table 7. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4245-51
4245
PE4245G-06DFN 3x3mm-12800F
Green 6-lead 3x3 mm DFN
Tape or loose
4245-52
4245
PE4245G-06DFN 3x3mm-3000C
Green 6-lead 3x3 mm DFN
3000 units / T&R
4245-00
PE4245-EK
PE4245-06DFN 3x3mm-EK
Evaluation Kit
1 / Box
Figure 16. Tape and Reel Specifications
Device Orientation in Tape
Top of
Device
Pin 1
Tape Feed Direction


Similar Part No. - PE4245

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245 Datasheet
264Kb / 8P
   SPDT UltraCMOS
logo
Pasternack Enterprises,...
PE4245 PASTERNACK-PE4245 Datasheet
347Kb / 3P
   SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4245

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com