Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210F-100 Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 1210F-100
Description  SMD Wire Wound Ferrite Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1210F-100 Datasheet(HTML) 3 Page - Frontier Electronics.

  1210F-100 Datasheet HTML 1Page - Frontier Electronics. 1210F-100 Datasheet HTML 2Page - Frontier Electronics. 1210F-100 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Wire Wound Ferrite Chip Inductor: P/N 1210F-series
Rev. A
Jan. 01, 2006. Page: 3 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors—1210F series
F. Characteristic curve:
1. L vs. Frequency:
2. Q vs. Frequency:
1
10
100
1
10
100
1000
Frequency (MHz)
1R5
6R8
8R2
0
20
40
60
80
100
1
10
100
1000
Frequency (MHz)
Q
1R5
6R8
8R2


Similar Part No. - 1210F-100

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1210F FRONTIER-1210F Datasheet
121Kb / 5P
   Tape and Reel Specifications
logo
List of Unclassifed Man...
1210F102XXX ETC1-1210F102XXX Datasheet
328Kb / 7P
   Multilayer Ceramic Chip Capacitors Products NPO, X7R, Y5V
1210F104XXX ETC1-1210F104XXX Datasheet
328Kb / 7P
   Multilayer Ceramic Chip Capacitors Products NPO, X7R, Y5V
1210FA ETC-1210FA Datasheet
68Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1210FA VMI-1210FA Datasheet
80Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - 1210F-100

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
1008F FRONTIER-1008F Datasheet
214Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
66Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
NLC ETC2-NLC Datasheet
237Kb / 4P
   SMD Wire Wound Ferrite Chip Inductors
SQV ETC2-SQV Datasheet
323Kb / 4P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com