Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6504A231MR-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6504A231MR-G
Description  0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6504A231MR-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6504A231MR-G Datasheet HTML 7Page - Torex Semiconductor XC6504A231MR-G Datasheet HTML 8Page - Torex Semiconductor XC6504A231MR-G Datasheet HTML 9Page - Torex Semiconductor XC6504A231MR-G Datasheet HTML 10Page - Torex Semiconductor XC6504A231MR-G Datasheet HTML 11Page - Torex Semiconductor XC6504A231MR-G Datasheet HTML 12Page - Torex Semiconductor XC6504A231MR-G Datasheet HTML 13Page - Torex Semiconductor XC6504A231MR-G Datasheet HTML 14Page - Torex Semiconductor XC6504A231MR-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11/32
XC6504
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Unless otherwise stated, Ta=25℃, VCE=VIN, IOUT=1mA, CIN=CL=open, VIN is below.
VOUT(T)<2.5V : VIN=3.5V
VOUT(T)≧2.5V : VIN=VOUT(T)+1.0V
(1) Output Voltage vs. Output Current
(2) Output Voltage vs. Input Voltage
XC6504x421xR
0.0
0.7
1.4
2.1
2.8
3.5
4.2
4.9
0
50
100 150
200 250 300
350 400
Output Current: IOUT [mA]
VIN=4.5V
VIN=5.2V
VIN=6.0V
XC6504x421xR
0.0
0.7
1.4
2.1
2.8
3.5
4.2
4.9
0
50
100 150
200 250 300
350 400
Output Current: IOUT [mA]
Ta=-40℃
Ta=25℃
Ta=85℃
XC6504x121xR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
23
45
6
Input Voltage: VIN [V]
IOUT=1μA
IOUT=1mA
IOUT=10mA
IOUT=100mA
XC6504x121xR
1.050
1.100
1.150
1.200
1.250
1.300
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage: VIN [V]
IOUT=1μA
IOUT=1mA
IOUT=10mA
IOUT=100mA
XC6504x181xR
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
01
23
45
6
Input Voltage: VIN [V]
IOUT=1μA
IOUT=1mA
IOUT=10mA
IOUT=100mA
XC6504x181xR
1.650
1.700
1.750
1.800
1.850
1.900
3
3.5
4
4.5
5
5.5
6
Input Voltage: VIN [V]
IOUT=1μA
IOUT=1mA
IOUT=10mA
IOUT=100mA


Similar Part No. - XC6504A231MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6504A231MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6120 TOREX-XC6120 Datasheet
257Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120_2 Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120_1 Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC61J TOREX-XC61J Datasheet
304Kb / 15P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com