Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7141CCDBQR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7141CCDBQR
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7141CCDBQR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7141CCDBQR Datasheet HTML 4Page - Texas Instruments ISO7141CCDBQR Datasheet HTML 5Page - Texas Instruments ISO7141CCDBQR Datasheet HTML 6Page - Texas Instruments ISO7141CCDBQR Datasheet HTML 7Page - Texas Instruments ISO7141CCDBQR Datasheet HTML 8Page - Texas Instruments ISO7141CCDBQR Datasheet HTML 9Page - Texas Instruments ISO7141CCDBQR Datasheet HTML 10Page - Texas Instruments ISO7141CCDBQR Datasheet HTML 11Page - Texas Instruments ISO7141CCDBQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC1 and VCC2 at 2.7 V (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –2 mA; see Figure 1
VCC
(1) – 0.3
2.5
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 1
VCC
(1) – 0.1
2.7
IOL = 4 mA; see Figure 1
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 1
0
0.1
VI(HYS)
Input threshold voltage hysteresis
350
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 4
25
50
kV/
μs
(1)
VCCx is the supply voltage, VCC1 or VCC2, for the output channel that is being measured.
SWITCHING CHARACTERISTICS
VCC1 and VCC2 at 2.7 V (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
15
27
50
See Figure 1
PWD(1)
Pulse width distortion |tPHL – tPLH|
3
Same-direction Channels
2
ns
tsk(o)
(2)
Channel-to-channel output skew time
Opposite-direction
4
Channels
tsk(pp)
(3)
Part-to-part skew time
22
tr
Output signal rise time
3
See Figure 1
ns
tf
Output signal fall time
3
Disable propagation delay, from high/low to high-
tPHZ, tPLZ
9
15
impedance output
See Figure 2
ns
Enable propagation delay, from high-impedance to
tPZH, tPZL
9
15
high/low output
tfs
Fail-safe output delay time from input data or power loss
See Figure 3
8.5
μs
tGR
Input glitch rejection time
14
ns
(1)
Also known as pulse skew
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals, and loads.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC


Similar Part No. - ISO7141CCDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7141CCDBQR TI-ISO7141CCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141CCDBQR TI-ISO7141CCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
More results

Similar Description - ISO7141CCDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140CCDBQ TI-ISO7140CCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7631FM TI1-ISO7631FM_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Triple and Quad-Channels Digital Isolators
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Triple and Quad Channels Digital Isolators
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
[Old version datasheet]   Low Power Quad Channels Digital Isolators
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com