Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4545VQ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4545VQ
Description  AC97 AUDIO CODEC WITH SRC AND DIT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4545VQ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4545VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4545VQ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
[ASAHI KASEI]
[AK4545]
MS0058-E-00
2000/11
- 7 -
Switching Characteristics
Ta=25°C, AVdd=5.0V±5%, DVdd=3.3V±5%, 50pF external load
Parameter
Symbol
Min
Typ
max
Units
Master Clock Frequency
Note)
If Crystal is not used.
Fmclk
-
45
24.576
50
-
55
MHz
%
AC link Interface Timing
BIT_CLK frequency
BIT_CLK clock Period(Tbclk=1/Fbclk)
BIT_BLK low pulse width
BIT_BLK low pulse width
BIT_CLK rise time
BIT_CLK fall time
Fbclk
Tbclk
Tclk_low
Tclk_high
Trise_clk
Tfall_clk
-
36
36
-
-
12.288
81.38
40.7
40.7
-
-
45
45
6
6
MHz
ns
ns
ns
ns
ns
SYNC frequency
SYNC low pulse width
SYNC high pulse width
SYNC rise time
SYNC fall time
Tsync_low
Tsync_high
Trise_sync
Tfall_sync
-
-
-
-
-
48
19.5
(240 cycle)
1.3
(16 cycle)
-
-
-
-
-
6
6
kHz
µs
(Tbclk)
µs
(Tbclk)
ns
ns
Setup time(SYNC, SDATA_OUT)
Hold time(SYNC, SDATA_OUT)
SDATA_IN delay time from BIT_CLK
rising edge
SDATA_IN rise time
SDATA_IN fall time
SDATA_OUT rise time
SDATA_OUT fall time
Tsetup
Thold
Tdelay
Trise_din
Tfall_din
Trise_dout
Tfall_dout
10
25
-
-
-
-
-
-
-
-
-
-
-
-
-
-
15
6
6
6
6
ns
ns
ns
ns
ns
ns
ns
Cold Rest (SDATA_OUT=L, SYNC=L)
RESET# active low pulse width
RESET# inactive to BIT_CLK delay
Trst_low
Trst2clk
1.0
162.8
(2 cycle)
--
µs
ns
(Tbclk)
Warm Rest Timing
SYNC active low pulse width
SYNC inactive to BIT_CLK delay
Tsync_high
Tsync2clk
1.0
162.8
(2 cycle)
1.3
(16 cycle)
-
µs
(Tbclk)
ns
(Tbclk)
AC-link Low Power Mode Timing
End of Slot 2 to BIT_CLK, SDATA_IN
Low
Ts2_pdwn
-
-
1.0
µs
Activate Test Mode Timing
Setup to trailing edge of RESET#
Hold from RESET# rising edge
Rising edge of RESET# to Hi-Z
Falling edge of RESET# to “L”
Tsetup2rst
Thold2rst
Toff
Tlow
15.0
100
-
-
-
-
-
-
-
-
50
50
ns
ns
ns
ns
Note ) The use of a crystal is recommended. If master clock is supplied from controller (or if a external oscillator is
used), Master Clock should be input to XTAL_IN, meanwhile XTAL_OUT should be open.


Similar Part No. - AK4545VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541VQ AKM-AK4541VQ Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543VQ AKM-AK4543VQ Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4544 AKM-AK4544 Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
More results

Similar Description - AK4545VQ

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
logo
Wolfson Microelectronic...
WM9710 WOLFSON-WM9710 Datasheet
310Kb / 32P
   AC97 Audio CODEC and Mixer with Integrated Headphone Driver
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
logo
Wolfson Microelectronic...
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com