Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC03000107JAC00 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # AC03000107JAC00
Description  Cemented Wirewound Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC03000107JAC00 Datasheet(HTML) 7 Page - Vishay Siliconix

  AC03000107JAC00 Datasheet HTML 1Page - Vishay Siliconix AC03000107JAC00 Datasheet HTML 2Page - Vishay Siliconix AC03000107JAC00 Datasheet HTML 3Page - Vishay Siliconix AC03000107JAC00 Datasheet HTML 4Page - Vishay Siliconix AC03000107JAC00 Datasheet HTML 5Page - Vishay Siliconix AC03000107JAC00 Datasheet HTML 6Page - Vishay Siliconix AC03000107JAC00 Datasheet HTML 7Page - Vishay Siliconix AC03000107JAC00 Datasheet HTML 8Page - Vishay Siliconix AC03000107JAC00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AC.. Series
www.vishay.com
Vishay Draloric
Revision: 10-Jun-13
7
Document Number: 28730
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
0
20
40
60
80
100
120
- 40
50
100
150
200
250
300
350
AMBIENT TEMPERATURE IN °C
0
Derating
40 70
0
100
150
200
250
300
350
010
15
5
Temperature Rise
50
AC10
AC07
AC04
AC03
AC01
AC05
POWER IN W
PERFORMANCE
TEST
PERMISSIBLE CHANGE
Climatic Category (LCT/UCT/Days)
40/200/56
Climatic Sequence, IEC 60115-1, 4.23
R = ± (1 % R + 0.05 )
Damp Heat, Steady State, IEC 60115-1, 4.24
(40 ± 2) °C, 56 days, (93 ± 3) % RH
R = ± (5 % R + 0.1 )
Endurance at room temperature (116 % P70), 1000 h, IEC 60115-1, 4.25.2
R = ± (5 % R + 0.1 )
Endurance at UCT, 200 °C (30 % P70), 1000 h, IEC 60115-1, 4.25.3
R = ± (5 % R + 0.1 )
Resistance to Soldering Heat, IEC 60115-1, 4.18
(260 ± 5) °C, (10 ± 1) s
R = ± (0.5 % R + 0.05 )
Robustness of Termination, IEC 60115-1, 4.16
10N
R = ± (0.5 % R + 0.05 )
Short Time Overload, IEC 60115-1, 4.13
10 x Rated Power for 5 s
R = ± (2 % R + 0.1 )


Similar Part No. - AC03000107JAC00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC03000107JAC00 VISHAY-AC03000107JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
More results

Similar Description - AC03000107JAC00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
   Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001009JAC00 VISHAY-AC03000001009JAC00 Datasheet
152Kb / 9P
   Cemented Wirewound Resistors
Revision: 13-Jan-14
ACSERIES VISHAY-ACSERIES Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Oct-11
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
   Cemented Leaded Wirewound Resistors
01-Jan-2022
AC-AT VISHAY-AC-AT Datasheet
204Kb / 12P
   Cemented Leaded Wirewound Resistors
Revision: 14-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com