Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTL3024D05 Datasheet(PDF) 2 Page - XP Power Limited

Part # JTL3024D05
Description  30 Watts JTL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTL3024D05 Datasheet(HTML) 2 Page - XP Power Limited

  JTL3024D05 Datasheet HTML 1Page - XP Power Limited JTL3024D05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20-Aug-13
JTL30
Notes
1. Input current specified at nominal 24 V or 48 V input.
2. Cross regulation for duals is ±5% when one output is at 100% and the other is
varied between 25% and 100%. Cross regulation for triples is ±5% when main
output and one auxiliary is at 25% and the other is varied between 25% and 100%.
3. Measured with 1 µF ceramic capacitor across output rails.
4. For heatsink option add ‘-HK’ to the end of the part number.
0.10
(2.54)
0.60 (15.24)
0.20
(5.08)
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.10
(2.54)
45
12
3
6
Bottom View
Single & Dual
Output Models
0.5
(0.02)
0.10
(2.54)
0.10
(2.54)
0.10
(2.54)
0.10
(2.54)
0.50 (12.7)
0.30
(7.62)
0.20
(5.08)
0.20
(5.08)
0.10
(2.54)
0.30
(7.62)
4
23
7
Bottom View
Triple Output Models
Dia.
0.04
(1.00)
5
6
1
0.40
(10.16)
0.20
(5.08)
min
2.00
(50.80)
1.80
(45.72)
Dia.
0.04
(1.00)
0.5
(0.02)
0.30
(7.62)
1.00 (25.4)
Dia. 1.0
(0.04)
Dia. 1.0
(0.04)
Dia. 1.0
(0.04)
Dia. 1.0
(0.04)
Dia. 1.0
(0.04)
Dia. 1.0
(0.04)
Dia. 1.0
(0.04)
Dia. 1.0
(0.04)
Thermal Pad
2.00
(50.80)
0.64
(16.3)
Optional heatsink (-HK)
Mechanical Details
Application Notes
50%
25%
75%
100%
-40
-20
0
20
40
60
80
100
75
50
Ambient Temperature (°C)
without heat-sink
with heat-sink
Derating Curve
PIN CONNECTIONS
Pin
Single
Dual
Triple
1
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
3 Remote On/Off Remote On/Off Remote On/Off
4
+Vout
+Vout
+Vout 2
5
-Vout
Com
-Vout 3
6
Trim
-Vout
Com
7
+Vout 1
1. All dimensions are in inches (mm).
2. Weight: 0.07 lbs (30 g) approx
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Input Filter
DC/DC
Converter
+Vin
+Vout
LOAD
100 µF,
100 V
12 µH
+
-
-Vin
Com
470 pF, 2Kv
External Output Trim
R trim-up
R trim-down
6
5
6
4
Output can be externally
trimmed using this method.
Contact sales for details.
Models and Ratings
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model Number
No Load
Full Load
9-36 VDC
3.3 V
7.50 A
60 mA
1185 mA
20000 µF
89%
JTL3024S3V3
5.0 V
6.00 A
100 mA
1420 mA
14000 µF
91%
JTL3024S05
12.0 V
2.50 A
30 mA
1436 mA
2000 µF
90%
JTL3024S12
15.0 V
2.00 A
30 mA
1420 mA
2000 µF
91%
JTL3024S15
±5.0 V
±3.00 A
120 mA
1437 mA
±3000 µF
90%
JTL3024D05
±12.0 V
±1.25 A
30 mA
1453 mA
±1300 µF
89%
JTL3024D12
±15.0 V
±1.00 A
40 mA
1437 mA
±1300 µF
89%
JTL3024D15
+3.3 V, ±12.0 V
5.00 A, ±0.42 A
80 mA
1287 mA
15000, ±220 µF
89%
JTL3024T0312
+3.3 V, ±15.0 V
5.00 A, ±0.33 A
90 mA
1279 mA
15000, ±220 µF
89%
JTL3024T0315
+5.0 V, ±12.0 V
4.00 A, ±0.42 A
100 mA
1440 mA
8000, ±220 µF
89%
JTL3024T0512
+5.0 V, ±15.0 V
4.00 A, ±0.33 A
110 mA
1431 mA
8000, ±220 µF
90%
JTL3024T0515
18-75 VDC
3.3 V
7.50 A
50 mA
593 mA
20000 µF
89%
JTL3048S3V3
5.0 V
6.00 A
60 mA
702 mA
14000 µF
91%
JTL3048S05
12.0 V
2.50 A
30 mA
718 mA
2000 µF
90%
JTL3048S12
15.0 V
2.00 A
30 mA
710 mA
2000 µF
90%
JTL3048S15
±5.0 V
±3.00 A
70 mA
710 mA
±3000 µF
91%
JTL3048D05
±12.0 V
±1.25 A
30 mA
718 mA
±1300 µF
90%
JTL3048D12
±15.0 V
±1.00 A
40 mA
718 mA
±1300 µF
90%
JTL3048D15
+3.3 V, ±12.0 V
5.00 A, ±0.42 A
50 mA
663 mA
15000, ±220 µF
89%
JTL3048T0312
+3.3 V, ±15.0 V
5.00 A, ±0.33 A
50 mA
640 mA
15000, ±220 µF
89%
JTL3048T0315
+5.0 V, ±12.0 V
4.00 A, ±0.42 A
60 mA
712 mA
8000, ±220 µF
91%
JTL3048T0512
+5.0 V, ±15.0 V
4.00 A, ±0.33 A
50 mA
707 mA
8000, ±220 µF
90%
JTL3048T0515


Similar Part No. - JTL3024D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTL4024D12 XPPOWER-JTL4024D12 Datasheet
250Kb / 2P
   40 Watts JTL Series
JTL4024D15 XPPOWER-JTL4024D15 Datasheet
250Kb / 2P
   40 Watts JTL Series
JTL4024S05 XPPOWER-JTL4024S05 Datasheet
250Kb / 2P
   40 Watts JTL Series
JTL4024S12 XPPOWER-JTL4024S12 Datasheet
250Kb / 2P
   40 Watts JTL Series
JTL4024S15 XPPOWER-JTL4024S15 Datasheet
250Kb / 2P
   40 Watts JTL Series
More results

Similar Description - JTL3024D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTL4024S3V3 XPPOWER-JTL4024S3V3 Datasheet
250Kb / 2P
   40 Watts JTL Series
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
   30 Watts RDC Series
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
logo
Astec America, Inc
APC08 ASTEC-APC08 Datasheet
389Kb / 2P
   30 Watts
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
   30 Watts
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
   30 Watts
logo
Astec America, Inc
AK60C ASTEC-AK60C Datasheet
602Kb / 2P
   30 Watts
logo
XP Power Limited
ECL05 XPPOWER-ECL05 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
ECL15UD01-S XPPOWER-ECL15UD01-S Datasheet
450Kb / 6P
   530 Watts ECL Series
logo
Omron Electronics LLC
E32DC200E OMRON-E32DC200E Datasheet
3Mb / 31P
   530 Watts ECL Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com