Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74AC573MG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC573MG4
Description  Octor Transparent Latch, 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74AC573MG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74AC573MG4 Datasheet HTML 5Page - Texas Instruments CD74AC573MG4 Datasheet HTML 6Page - Texas Instruments CD74AC573MG4 Datasheet HTML 7Page - Texas Instruments CD74AC573MG4 Datasheet HTML 8Page - Texas Instruments CD74AC573MG4 Datasheet HTML 9Page - Texas Instruments CD74AC573MG4 Datasheet HTML 10Page - Texas Instruments CD74AC573MG4 Datasheet HTML 11Page - Texas Instruments CD74AC573MG4 Datasheet HTML 12Page - Texas Instruments CD74AC573MG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
CD74ACT573MG4
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
ACT573M
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD54AC573, CD54ACT573, CD74AC573, CD74ACT573 :
Catalog: CD74AC573, CD74ACT573
Military: CD54AC573, CD54ACT573


Similar Part No. - CD74AC573MG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC573MG4 TI1-CD74AC573MG4 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
More results

Similar Description - CD74AC573MG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
logo
NXP Semiconductors
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
   Octal transparent latch 3-State
1989 Oct 16
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
   Octal 3-State Noninverting Transparent Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
   Octal 3-State Noninverting Transparent Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com