Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE1B3KY102JA2A Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # DE1B3KY102JA2A
Description  Safety Standard Certified Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE1B3KY102JA2A Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button DE1B3KY102JA2A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE1B3KY102JA2A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE1B3KY102JA2A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE1B3KY102JA2A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE1B3KY102JA2A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE1B3KY102JA2A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE1B3KY102JA2A Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE1B3KY102JA2A Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE1B3KY102JA2A Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
C85E.pdf
Jul.13,2011
8
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Part Number
AC Rated
Voltage
(Vac)
Temp.
Char.
Capacitance
(pF)
Body
Dia. D
(mm)
Lead
Spacing F
(mm)
Body
Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping (1)
DE2B3KH101Kppp
250
B
100
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2B3KH151Kppp
250
B
150
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2B3KH221Kppp
250
B
220
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2B3KH331Kppp
250
B
330
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2B3KH471Kppp
250
B
470
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2B3KH681Kppp
250
B
680
±10%
9 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2E3KH102Mppp
250
E
1000
±20%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2E3KH152Mppp
250
E
1500
±20%
9 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2E3KH222Mppp
250
E
2200
±20%
10 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2E3KH332Mppp
250
E
3300
±20%
12 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2E3KH472Mppp
250
E
4700
±20%
13 max.
7.5
7.0 max.
A3B
B3B
N3A
DE2F3KH103Mppp
250
F
10000
±20%
16 max.
7.5
7.0 max.
A3B
B3B
N7A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KH) and capacitance of products
in the parts list when it is required for applying safety standard of electric equipment.


Similar Part No. - DE1B3KY102JA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1B3KY102JA2A MURATA-DE1B3KY102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE1B3KY102JA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2F3KH103MA3B MURATA-DE2F3KH103MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3KX151KB5B MURATA-DE1B3KX151KB5B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1B3KX681KA5B MURATA-DE1B3KX681KA5B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com