Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4527B Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4527B
Description  HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4527B Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4527B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4527B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ASAHI KASEI
[AK4527B]
MS0056-E-00
2000/10
- 5 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
SDOS
I
SDTO Source Select Pin
(Note 1)
“L”: Internal ADC output, “H”: DAUX input
2
I2C
I
Control Mode Select Pin
“L”: 3-wire Serial, “H”: I
2C Bus
3
SMUTE
I
Soft Mute Pin
(Note 1)
When this pin goes to “H”, soft mute cycle is initialized.
When returning to “L”, the output mute releases.
4
BICK
I
Audio Serial Data Clock Pin
5
LRCK
I
Input Channel Clock Pin
6
SDTI1
I
DAC1 Audio Serial Data Input Pin
7
SDTI2
I
DAC2 Audio Serial Data Input Pin
8
SDTI3
I
DAC3 Audio Serial Data Input Pin
9
SDTO
O
Audio Serial Data Output Pin
10
DAUX
I
AUX Audio Serial Data Input Pin
11
DFS
I
Double Speed Sampling Mode Pin (Note 1)
“L”: Normal Speed, “H”: Double Speed
12
NC
-
No Connect
No internal bonding.
13
DZFE
I
Zero Input Detect Enable Pin
“L”: mode 7 (disable) at parallel mode,
zero detect mode is selectable by DZFM2-0 bits at serial mode
“H”: mode 0 (DZF1 is AND of all six channels)
14
TVDD
-
Output Buffer Power Supply Pin, 2.7V
∼5.5V
15
DVDD
-
Digital Power Supply Pin, 4.5V
∼5.5V
16
DVSS
-
Digital Ground Pin, 0V
17
PDN
I
Power-Down & Reset Pin
When “L”, the AK4527B is powered-down and the control registers are reset to default
state. If the state of P/S or CAD0-1 changes, then the AK4527B must be reset by PDN.
18
TST
I
Test Pin
This pin should be connected to DVSS.
19
NC
-
No Connect
No internal bonding.
20
ADIF
I
Analog Input Format Select Pin
“H”: Full-differential input, “L”: Single-ended input
21
CAD1
I
Chip Address 1 Pin
22
CAD0
I
Chip Address 0 Pin


Similar Part No. - AKD4527B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4527B AKM-AKD4527B Datasheet
348Kb / 40P
   EVALUATION BOARD REV.D FOR AK4527B
More results

Similar Description - AKD4527B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com