Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4528 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4528
Description  HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4528 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4528 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4528 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4528 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4528 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4528 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4528 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4528 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4528 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4528 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ASAHI KASEI
[AK4528]
MS0011-E-00
2000/1
- 6 -
ANALOG CHARACTERISTICS
(Ta=25
°C; VA, VD, VT=5.0V; AGND=DGND=0V; VREF=VA; fs=44.1kHz; Signal Frequency =1kHz; 24bit Data;
Measurement frequency = 20Hz
~ 20kHz at fs=44.1kHz, 40Hz ~ 40kHz at fs=96kHz; unless otherwise specified)
Parameter
min
typ
max
Units
Input PGA Characteristics:
ADC Analog Input Characteristics:
Analog Source impedance = 330
W
W
W
W
Resolution
24
Bits
Input Voltage
(Note 3)
±2.6
±2.8
±3.0
Vpp
Input Resistance
fs=44.1kHz
fs=96kHz
16
7
27
12
k
W
k
W
S/(N+D)
(-0.5dBFS)
fs=44.1kHz
fs=96kHz
88
84
94
92
dB
dB
DR
(-60dBFS)
fs=44.1kHz, A-weighted
fs=96kHz
100
95
108
103
dB
dB
S/N
fs=44.1kHz, A-weighted
fs=96kHz
100
95
108
103
dB
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.2
0.5
dB
Gain Drift
20
-
ppm/
°C
Input Voltage
(Note 3)
±2.6
±2.8
±3.0
Vpp
Input Resistance
fs=44.1kHz
fs=96kHz
16
7
27
12
k
W
k
W
Input DC Bias Voltage
(Note 4)
0.56VA
-
0.60VA
V
Power Supply Rejection
(Note 5)
-
50
-
dB
DAC Analog Output Characteristics:
Resolution
24
Bits
S/(N+D)
(0dBFS)
fs=44.1kHz
fs=96kHz
88
85
94
93
dB
dB
DR
(-60dBFS)
fs=44.1kHz, A-weighted
fs=96kHz
104
96
110
104
dB
dB
S/N
fs=44.1kHz, A-weighted
fs=96kHz
104
96
110
104
dB
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.2
0.5
dB
Gain Drift
20
-
ppm/
°C
Output Voltage
(Note 6)
5.0
5.4
5.8
Vpp
Load Resistance
(In case of AC load)
1
k
W
Output Current
1.5
mA
Load Capacitance
25
pF
Power Supply Rejection
(Note 5)
50
-
dB
Note: 3. This voltage is input to AIN+ and AIN- pin, and is proportional to VREF. Vin = 0.56 x VREF.
4. Measured by Figure 12. DC Bias Voltage, Vb = 4.7k / (3.3k + 4.7k) x VA = 0.5875VA.
5. PSR is applied to VA, VD, VT with 1kHz, 50mVpp. VREF pin is held a constant voltage.
6. Full scale (0dB) of the output voltage when summing the differential outputs, AOUT+/- by unity gain.
This voltage is proportional to VREF. Vout=1.08 x VREF x Gain.


Similar Part No. - AK4528

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528 AKM-AK4528 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528VF AKM-AK4528VF Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528VM AKM-AK4528VM Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
More results

Similar Description - AK4528

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com