Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9865201QFA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9865201QFA
Description  DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9865201QFA Datasheet(HTML) 4 Page - Texas Instruments

  5962-9865201QFA Datasheet HTML 1Page - Texas Instruments 5962-9865201QFA Datasheet HTML 2Page - Texas Instruments 5962-9865201QFA Datasheet HTML 3Page - Texas Instruments 5962-9865201QFA Datasheet HTML 4Page - Texas Instruments 5962-9865201QFA Datasheet HTML 5Page - Texas Instruments 5962-9865201QFA Datasheet HTML 6Page - Texas Instruments 5962-9865201QFA Datasheet HTML 7Page - Texas Instruments 5962-9865201QFA Datasheet HTML 8Page - Texas Instruments 5962-9865201QFA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS90LV032AQML
SNLS205A – NOVEMBER 2011 – REVISED APRIL 2013
www.ti.com
DS90LV032A Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
Over supply voltage range of 3.15V to 3.45V and operating temperature of
−55°C to +85°C.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VTL
Differential Input Low Threshold
VCM = +1.2V
(1)
-100
mV
1, 2, 3
VTh
Differential Input High Threshold
VCM = +1.2V
(1)
100
mV
1, 2, 3
VCMR
Common Mode Voltage Range
VID = 200mV peak to peak
(1), (2)
0.1
2.3
V
1, 2, 3
II
Input Current
VCC = 3.45V or 0V,
±10
µA
1, 2, 3
VI = 2.8V or 0V
VCC = 0V, VI = 3.45V
±20
µA
1, 2, 3
VOH
Output High Voltage
IOH = -0.4 mA, VID = 200mV
2.7
V
1, 2, 3
IOH = -0.4 mA, Inputs Open
2.7
V
1, 2, 3
VOL
Output Low Voltage
IOL = 2 mA, VID = -200mV
0.25
V
1, 2, 3
IOS
Output Short Circuit Current
Enabled, VO = 0V
(3)
-15
-120
mA
1, 2, 3
IOZ
Output TRI-STATE Current
Disabled, VO = 0V or VCC
±10
µA
1, 2, 3
VIH
Input High Voltage
(4)
2.0
VCC
V
1, 2, 3
VIL
Input Low Voltage
(4)
Gnd
0.8
V
1, 2, 3
IL
Input Current
VI = VCC or 0V,
±10
µA
1, 2, 3
Other Input = VCC or Gnd
VCl
Input Clamp Voltage
ICl = -18mA
-1.5
V
1, 2, 3
ICC
No Load Supply Current
En, En* = VCC or Gnd,
15
mA
1, 2, 3
Receivers Enabled
Inputs Open
En, En* = 2.4 or 0.5,
15
mA
1, 2, 3
Inputs Open
ICCZ
No Load Supply Current
En = Gnd, En* = VCC ,
5.0
mA
1, 2, 3
Receivers Disabled
Inputs Open
(1)
Tested during VOH/VOL tests by applying appropriate voltage levels to the input pins of the device under test.
(2)
The VCMR range is reduced for larger VID. Example: if VID = 400mV, the VCMR is 0.2V to 2.2V. The fail-safe condition with inputs
shorted is valid over a common-mode range of 0V to 2.3V. A VID up to VCC − 0V may be applied to the RIN+/ RI− inputs with the
Common-Mode voltage set to VCC/2. Propagation delay and Differential Pulse skew decrease when VID is increased from 200mV to
400mV. Skew specifications apply for 200mV
≤ VID ≤ 800mV over the common-mode range .
(3)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted
at a time, do not exceed maximum junction temperature.
(4)
Tested during IOZ tests by applying appropriate threshold voltage levels to the En and En* pins.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS90LV032AQML


Similar Part No. - 5962-9865201QFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9865201QFA TI1-5962-9865201QFA Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - 5962-9865201QFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048ATMTC TI-DS90LV048ATMTC Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com