Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3803-01QDCKRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3803-01QDCKRQ1
Description  VOLTAGE DETECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803-01QDCKRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3803-01QDCKRQ1 Datasheet HTML 4Page - Texas Instruments TPS3803-01QDCKRQ1 Datasheet HTML 5Page - Texas Instruments TPS3803-01QDCKRQ1 Datasheet HTML 6Page - Texas Instruments TPS3803-01QDCKRQ1 Datasheet HTML 7Page - Texas Instruments TPS3803-01QDCKRQ1 Datasheet HTML 8Page - Texas Instruments TPS3803-01QDCKRQ1 Datasheet HTML 9Page - Texas Instruments TPS3803-01QDCKRQ1 Datasheet HTML 10Page - Texas Instruments TPS3803-01QDCKRQ1 Datasheet HTML 11Page - Texas Instruments TPS3803-01QDCKRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
2
1.5
1
0.5
0
5
10
15
20
25
30
2.5
3
3.5
35
40
45
50
85°C
0°C
25°C
-40 °C
VDD = 6 V
V(SENSE) = Low
0
I
– Low-Level Output Current – mA
OL
0.7
0.6
0.5
0.4
0
2
4
6
8
10
12
0.8
0.9
1
14
16
18
20
85°C
0°C
25°C
-40 °C
VDD = 6 V
V(SENSE) = Low
0.3
0.2
0.1
0
(Expanded View)
I
– Low-Level Output Current – mA
OL
2.75
2.25
2
1.75
-14
-12
-10
-8
-6
-4
-2
3
3.25
3.5
0
1.5
2.5
0°C
25°C
-40 °C
VDD = 3.3 V
V(SENSE) = High
85°C
I
– High-Level Output Current – mA
OH
3
2.9
2.8
2.7
-5
-4
-3
-2
-1
0
3.1
3.2
3.3
2.6
2.5
0°C
25°C
-40 °C
VDD = 3.3 V
V(SENSE) = High
85°C
(Expanded View)
I
– High-Level Output Current – mA
OH
TPS3803-01-Q1
TPS3803G15-Q1
TPS3805H33-Q1
SGLS228B – DECEMBER 2003 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
<br/>
<br/>
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 5.
Figure 6.
TPS3805H33
TPS3805H33
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS3803-01-Q1 TPS3803G15-Q1 TPS3805H33-Q1


Similar Part No. - TPS3803-01QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3803-01QDCKRQ1 TI-TPS3803-01QDCKRQ1 Datasheet
285Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01QDCKRQ1 TI-TPS3803-01QDCKRQ1 Datasheet
327Kb / 14P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01QDCKRQ1 TI1-TPS3803-01QDCKRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
More results

Similar Description - TPS3803-01QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com