Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC01000800JAC00 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # AC01000800JAC00
Description  Cemented Wirewound Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC01000800JAC00 Datasheet(HTML) 5 Page - Vishay Siliconix

  AC01000800JAC00 Datasheet HTML 1Page - Vishay Siliconix AC01000800JAC00 Datasheet HTML 2Page - Vishay Siliconix AC01000800JAC00 Datasheet HTML 3Page - Vishay Siliconix AC01000800JAC00 Datasheet HTML 4Page - Vishay Siliconix AC01000800JAC00 Datasheet HTML 5Page - Vishay Siliconix AC01000800JAC00 Datasheet HTML 6Page - Vishay Siliconix AC01000800JAC00 Datasheet HTML 7Page - Vishay Siliconix AC01000800JAC00 Datasheet HTML 8Page - Vishay Siliconix AC01000800JAC00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AC.. Series
www.vishay.com
Vishay Draloric
Revision: 10-Jun-13
5
Document Number: 28730
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PULSE DIAGRAMS
AC01 Pulse on a regular basis; maximum permissible peak pulse
power (
max.) as a function of pulse duration (t
i)
AC04 Pulse on a regular basis; maximum permissible peak pulse
power (
max.) as a function of pulse duration (t
i)
AC07 Pulse on a regular basis; maximum permissible peak pulse
power (
max.) as a function of pulse duration (t
i)
AC03 Pulse on a regular basis; maximum permissible peak pulse
power (
max.) as a function of pulse duration (t
i)
AC05 Pulse on a regular basis; maximum permissible peak pulse
power (
max.) as a function of pulse duration (t
i)
AC10 Pulse on a regular basis; maximum permissible peak pulse
power (
max.) as a function of pulse duration (t
i)
1
10
100
1000
10 000
0.00001
0.0001
0.001
0.01
0.1
1
t
i (s)
t
p/ti = 1000
t
p/ti = 200
t
p/ti = 50
t
p/ti = 10
t
p/ti = 2
1R0
R10
10R
100R
2K0
1
10
100
1000
10 000
0.00001
0.0001
0.001
0.01
0.1
1
t
i (s)
t
p/ti = 1000
t
p/ti = 200
t
p/ti = 50
t
p/ti = 10
t
p/ti = 2
R10
1R0
10R
100R
6K8
1
10
100
1000
10 000
0.00001
0.0001
0.001
0.01
0.1
1
10
t
i (s)
t
p/ti = 1000
t
p/ti = 200
t
p/ti = 50
t
p/ti = 10
t
p/ti = 2
1R1
R10
11R
100R
15K
1
10
100
1000
10 000
0.00001
0.0001
0.001
0.01
0.1
1
t
i (s)
t
p/ti = 1000
t
p/ti = 200
t
p/ti = 50
t
p/ti = 10
t
p/ti = 2
R10
1R0
10R
110R
4K7
1
10
100
1000
10 000
0.00001
0.0001
0.001
0.01
0.1
1
10
t
i (s)
t
p/ti = 1000
t
p/ti = 200
t
p/ti = 50
t
p/ti = 10
t
p/ti = 2
1R1
R10
11R
100R
8K2
1
10
100
1000
10 000
0.00001
0.0001
0.001
0.01
0.1
1
10
t
i (s)
t
p/ti = 1000
t
p/ti = 200
t
p/ti = 50
t
p/ti = 10
t
p/ti = 2
R68
2R2
33R
240R
15K


Similar Part No. - AC01000800JAC00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC01000801509JAC00 VISHAY-AC01000801509JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
More results

Similar Description - AC01000800JAC00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
   Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
AC03000001009JAC00 VISHAY-AC03000001009JAC00 Datasheet
152Kb / 9P
   Cemented Wirewound Resistors
Revision: 13-Jan-14
ACSERIES VISHAY-ACSERIES Datasheet
151Kb / 9P
   Cemented Wirewound Resistors
Revision: 10-Jun-13
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Oct-11
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
   Cemented Leaded Wirewound Resistors
01-Jan-2022
AC-AT VISHAY-AC-AT Datasheet
204Kb / 12P
   Cemented Leaded Wirewound Resistors
Revision: 14-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com