Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4522VF Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4522VF
Description  20BIT STEREO ADC & DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4522VF Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4522VF Datasheet HTML 1Page - Asahi Kasei Microsystems AK4522VF Datasheet HTML 2Page - Asahi Kasei Microsystems AK4522VF Datasheet HTML 3Page - Asahi Kasei Microsystems AK4522VF Datasheet HTML 4Page - Asahi Kasei Microsystems AK4522VF Datasheet HTML 5Page - Asahi Kasei Microsystems AK4522VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK4522VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4522VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4522VF Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ASAHI KASEI
[AK4522]
M0020-E-01
1998/10
- 5 -
ANALOG CHARACTERISTICS
(Ta=25
°C; VA, VD=5V; AGND, DGND=0V; VREFH=VA; fs=44.1kHz; SCLK=64fs;
Signal Frequency =1kHz; 20bit Data; Measurement Frequency=10Hz
∼ 20kHz; unless otherwise specified)
Parameter
min
typ
max
Units
ADC Analog Input Characteristics:
Differential Inputs; Analog Source Impedance=470
Resolution
20
Bits
S/(N+D)
(-0.5dB Input)
(Note 4)
84
92
dB
DR
(-60dB Input, A-Weighted)
(Note 5)
94
100
dB
S/N
(A-Weighted)
(Note 5, 6)
94
100
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.1
0.3
dB
Gain Drift
20
ppm/
°C
Input Voltage
(AIN=0.6 x VREFH)
(Note 7)
2.85
3.0
3.15
Vpp
Input Resistance
20
30
k
Power Supply Rejection
(Note 8)
50
dB
DAC Analog Output Characteristics:
Resolution
20
Bits
S/(N+D)
80
90
dB
DR
(-60dB Output, A-Weighted)
(Note 5)
95
100
dB
S/N
(A-Weighted)
(Note 6, 9)
95
100
dB
Interchannel Isolation
90
110
dB
Interchannel Gain Mismatch
0.2
0.5
dB
Gain Drift
20
ppm/
°C
Output Voltage
(AOUT=0.6 x VREFH)
2.65
2.9
3.15
Vpp
Load Resistance
5
k
Load Capacitance
25
pF
Power Supply Rejection
(Note 8)
50
dB
Power Supplies
Power Supply Current
(VA=VD=5V)
Analog, VA
PD =”H”
42
55
mA
Digital, VD
PD =”H”
10
20
mA
Note: 4. In case of single ended input, S/(N+D)=80dB(typ, @VA=5V).
5. In case of 16bit, DR and S/N of ADC are 98dB. DR of DAC is 98dB.
6. S/N measured by CCIR-ARM is 96dB at each converter and 94dB at ADC to DAC loopback.
7. Full scale input for each AIN+/- pin is 1.5Vpp in differential mode.
8. PSR is applied to VA, VD with 1kHz, 50mVpp. VREFH pin is held a constant voltage.
9. As the input data is “0”, S/N is 100dB regardless of resolution.


Similar Part No. - AK4522VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522VM AKM-AK4522VM Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
More results

Similar Description - AK4522VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
   96kHz Sampling DS 20bit ADC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com