Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CP22MT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CP22MT
Description  DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP22MT Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90CP22MT Datasheet HTML 2Page - Texas Instruments DS90CP22MT Datasheet HTML 3Page - Texas Instruments DS90CP22MT Datasheet HTML 4Page - Texas Instruments DS90CP22MT Datasheet HTML 5Page - Texas Instruments DS90CP22MT Datasheet HTML 6Page - Texas Instruments DS90CP22MT Datasheet HTML 7Page - Texas Instruments DS90CP22MT Datasheet HTML 8Page - Texas Instruments DS90CP22MT Datasheet HTML 9Page - Texas Instruments DS90CP22MT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS90CP22
SNLS053E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Figure 9. Output Channel-to-Channel Skew in 1:2 splitter mode
PIN DESCRIPTIONS
Pin Name
# of Pin
Input/Output
Description
IN+
2
I
Non-inverting LVDS input
IN -
2
I
Inverting LVDS input
OUT+
2
O
Non-inverting LVDS Output
OUT -
2
O
Inverting LVDS Output
A logic low on the Enable puts the LVDS output into TRI-STATE and
EN
2
I
reduces the supply current
SEL
2
I
2:1 mux input select
GND
1
P
Ground
VCC
1
P
Power Supply
NC
2
No Connect
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS90CP22


Similar Part No. - DS90CP22MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CP22MT NSC-DS90CP22MT Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
DS90CP22MT NSC-DS90CP22MT Datasheet
1Mb / 10P
   800 Mbps 2x2 LVDS Crosspoint Switch
DS90CP22MTX NSC-DS90CP22MTX Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
More results

Similar Description - DS90CP22MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
DS90CP22 NSC-DS90CP22_07 Datasheet
1Mb / 10P
   800 Mbps 2x2 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP22 TI1-DS90CP22_14 Datasheet
1,017Kb / 18P
[Old version datasheet]   800 Mbps 2x2 LVDS Crosspoint Switch
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com