Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4668ARUZ1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN4668ARUZ1
Description  3 V LVDS Quad CMOS Differential Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4668ARUZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN4668ARUZ1 Datasheet HTML 4Page - Analog Devices ADN4668ARUZ1 Datasheet HTML 5Page - Analog Devices ADN4668ARUZ1 Datasheet HTML 6Page - Analog Devices ADN4668ARUZ1 Datasheet HTML 7Page - Analog Devices ADN4668ARUZ1 Datasheet HTML 8Page - Analog Devices ADN4668ARUZ1 Datasheet HTML 9Page - Analog Devices ADN4668ARUZ1 Datasheet HTML 10Page - Analog Devices ADN4668ARUZ1 Datasheet HTML 11Page - Analog Devices ADN4668ARUZ1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADN4668
Rev. A | Page 11 of 12
THEORY OF OPERATION
The ADN4668 is a quad-channel line receiver for low voltage
differential signaling. It takes a differential input signal of
310 mV typical and converts it into a single-ended 3 V TTL/
CMOS logic signal.
A differential current input signal, received via a transmission
medium such as a twisted pair cable, develops a voltage across
a terminating resistor, RT. This resistor is chosen to match the
characteristic impedance of the medium, typically around 100 Ω.
The differential voltage is detected by the receiver and converted
back into a single-ended logic signal.
When the noninverting receiver input, RINx+, is positive with
respect to the inverting input, RINx− (current flows through RT
from RINx+ to RINx−), ROUTx is high. When the noninverting receiver
input, RIN+, is negative with respect to the inverting input, RINx−
(current flows through RT from RINx− to RINx+), ROUTx is low.
Using the ADN4667 as a driver, the received differential current
is between ±2.5 mA and ±4.5 mA (±3.1 mA typical), developing
between ±250 mV and ±450 mV across a 100 Ω termination
resistor. The received voltage is centered on the receiver offset
of 1.2 V. The noninverting receiver input is typically
(1.2 V + [310 mV/2]) = 1.355 V, and the inverting receiver input
is (1.2 V − [310 mV/2]) = 1.045 V for Logic 1. For Logic 0, the
inverting and noninverting input voltages are reversed. Note
that because the differential voltage reverses polarity, the peak-to-
peak voltage swing across RT is twice the differential voltage.
Current-mode signaling offers considerable advantages over
voltage-mode signaling, such as the RS-422. The operating
current remains fairly constant with increased switching
frequency, whereas the operating current of voltage-mode
drivers increases exponentially in most cases. This increase is
caused by the overlap as internal gates switch between high and
low, causing currents to flow from VCC to ground. A current-
mode device reverses a constant current between its two outputs,
with no significant overlap currents.
This is similar to emitter-coupled logic (ECL) and positive emitter-
coupled logic (PECL), but without the high quiescent current of
ECL and PECL.
ENABLE INPUTS
The ADN4668 has active-high and active-low enable inputs that
put all the logic outputs into a high impedance state when disabled,
reducing device current consumption from 9 mA typical to 1 mA
typical. See Table 5 for a truth table of the enable inputs.
Table 5. Enable Inputs Truth Table
EN
EN
RINx+
RINx−
ROUTx
High
Low or Open
1.045 V
1.355 V
0
High
Low or Open
1.355 V
1.045 V
1
Any other combination
of EN and EN
X
X
High-Z
APPLICATIONS INFORMATION
Figure 22 shows a typical application for point-to-point data
transmission using the ADN4667 as the driver and the ADN4668
as the receiver.
DIN
DOUT
RT
100Ω
EN
EN
1/4 ADN4668
1/4 ADN4667
RINx+
RINx–
DOUTy+
DOUTy–
GND
EN
EN
GND
Figure 22. Typical Application Circuit


Similar Part No. - ADN4668ARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARUZ AD-ADN4668ARUZ Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668ARUZ AD-ADN4668ARUZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARUZ-REEL7 AD-ADN4668ARUZ-REEL7 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668ARUZ-REEL7 AD-ADN4668ARUZ-REEL7 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results

Similar Description - ADN4668ARUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
   3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
logo
Texas Instruments
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com