Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCMP356YKSZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP356YKSZ-REEL7
Description  Comparators and Reference Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP356YKSZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP356YKSZ-REEL7 Datasheet HTML 3Page - Analog Devices ADCMP356YKSZ-REEL7 Datasheet HTML 4Page - Analog Devices ADCMP356YKSZ-REEL7 Datasheet HTML 5Page - Analog Devices ADCMP356YKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADCMP356YKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADCMP356YKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADCMP356YKSZ-REEL7 Datasheet HTML 9Page - Analog Devices ADCMP356YKSZ-REEL7 Datasheet HTML 10Page - Analog Devices ADCMP356YKSZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADCMP350/ADCMP354/ADCMP356
Rev. B | Page 7 of 12
110
120
140
150
160
170
180
190
200
130
2.25 2.55 2.85 3.15 3.45
5.55
VCC (V)
3.75 4.05 4.35 4.65 4.95 5.25
TA = +125°C
TA = +85°C
TA = –40°C
TA = +25°C
100
Figure 10. Input Leakage vs. Supply Voltage, VCC (VIN = 22 V)
520
540
580
600
620
640
660
680
700
560
2.25 2.55 2.85 3.15 3.45
5.55
VCC (V)
3.75 4.05 4.35 4.65 4.95 5.25
500
VTRIP RISING
VTRIP FALLING
Figure 11. VIN Trip Threshold vs. VCC
2
4
8
10
12
14
16
18
20
6
2.25 2.55 2.85 3.15 3.45
5.55
VCC (V)
3.75 4.05 4.35 4.65 4.95 5.25
0
HYSTERESIS
Figure 12. VIN Trip Hysteresis vs. VCC
0.1
1
10
100
1000
10000
0.01
0.1
10
OUTPUT SINK CURRENT (mA)
1
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. Output Voltage vs. Output Sink Current (ISINK = 500 mA)
20
40
80
100
120
60
2.25 2.40 2.70 3.00 3.30
5.50
SUPPLY VOLTAGE (V)
3.60 3.90 4.20 4.50 4.80 5.20
0
Figure 14. Output Low Voltage vs. Supply Voltage (ISINK = 500 mA)
20
40
80
100
120
140
160
180
200
60
2.25 2.40 2.70 3.00 3.30
5.50
SUPPLY VOLTAGE (V)
3.60 3.90 4.20 4.50 4.80 5.20
0
RISE TIME
FALL TIME
Figure 15. Fall Time vs. Supply Voltage


Similar Part No. - ADCMP356YKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP356YKSZ-REEL7 AD-ADCMP356YKSZ-REEL7 Datasheet
183Kb / 12P
   Comparators and Reference Circuits
REV. B
ADCMP356YKSZ-REEL7 AD-ADCMP356YKSZ-REEL7 Datasheet
217Kb / 10P
   Comparators and Reference Circuits
More results

Similar Description - ADCMP356YKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP350 AD-ADCMP350_04 Datasheet
216Kb / 12P
   Comparators and Reference Circuits
REV. 0
ADCMP350 AD-ADCMP350_18 Datasheet
217Kb / 10P
   Comparators and Reference Circuits
ADCMP350YKSZ-REEL7 AD-ADCMP350YKSZ-REEL7 Datasheet
183Kb / 12P
   Comparators and Reference Circuits
REV. B
ADCMP350YKS-REEL7 AD-ADCMP350YKS-REEL7 Datasheet
151Kb / 12P
   Comparators and Reference Circuits
REV. 0
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Analog Devices
ADCMP341 AD-ADCMP341_07 Datasheet
353Kb / 12P
   Dual 0.275% Comparators and Reference with Programmable Hysteresis
REV. 0
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com