Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9833SRMZ-EP-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9833SRMZ-EP-RL7
Description  Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833SRMZ-EP-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9833SRMZ-EP-RL7 Datasheet HTML 6Page - Analog Devices AD9833SRMZ-EP-RL7 Datasheet HTML 7Page - Analog Devices AD9833SRMZ-EP-RL7 Datasheet HTML 8Page - Analog Devices AD9833SRMZ-EP-RL7 Datasheet HTML 9Page - Analog Devices AD9833SRMZ-EP-RL7 Datasheet HTML 10Page - Analog Devices AD9833SRMZ-EP-RL7 Datasheet HTML 11Page - Analog Devices AD9833SRMZ-EP-RL7 Datasheet HTML 12Page - Analog Devices AD9833SRMZ-EP-RL7 Datasheet HTML 13Page - Analog Devices AD9833SRMZ-EP-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9833
Data Sheet
Rev. E | Page 10 of 24
TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The end-
points of the transfer function are zero scale, a point 0.5 LSB
below the first code transition (000 … 00 to 000 … 01), and full
scale, a point 0.5 LSB above the last code transition (111 … 10
to 111 … 11). The error is expressed in LSBs.
Differential Nonlinearity (DNL)
DNL is the difference between the measured and ideal 1 LSB
change between two adjacent codes in the DAC. A specified
DNL of ±1 LSB maximum ensures monotonicity.
Output Compliance
Output compliance refers to the maximum voltage that can be
generated at the output of the DAC to meet the specifications.
When voltages greater than that specified for the output compli-
ance are generated, the AD9833 may not meet the specifications
listed in the data sheet.
Spurious-Free Dynamic Range (SFDR)
Along with the frequency of interest, harmonics of the funda-
mental frequency and images of these frequencies are present at
the output of a DDS device. SFDR refers to the largest spur or
harmonic present in the band of interest. The wideband SFDR
gives the magnitude of the largest spur or harmonic relative to
the magnitude of the fundamental frequency in the zero to Nyquist
bandwidth. The narrow-band SFDR gives the attenuation of the
largest spur or harmonic in a bandwidth of ±200 kHz about the
fundamental frequency.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the rms value
of the fundamental. For the AD9833, THD is defined as
1
2
6
2
5
2
4
2
3
2
2
log
20
THD
V
V
V
V
V
V
+
+
+
+
=
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second
through sixth harmonics.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency. The value for SNR is expressed in decibels.
Clock Feedthrough
There is feedthrough from the MCLK input to the analog
output. Clock feedthrough refers to the magnitude of the
MCLK signal relative to the fundamental frequency in the
output spectrum of the AD9833.


Similar Part No. - AD9833SRMZ-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9833 AD-AD9833 Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
AD9833 AD-AD9833 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
AD9833 AD-AD9833 Datasheet
423Kb / 21P
   Programmable Waveform Generator
AD9833BRM AD-AD9833BRM Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
AD9833BRM AD-AD9833BRM Datasheet
423Kb / 21P
   Programmable Waveform Generator
More results

Similar Description - AD9833SRMZ-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9837 AD-AD9837 Datasheet
974Kb / 28P
   Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
   20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9838 AD-AD9838 Datasheet
620Kb / 32P
   11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834 Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
   Programmable Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com