Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7708ILBTR-F Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP7708ILBTR-F
Description  Quad Channel Digital PWM Step Down Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708ILBTR-F Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP7708ILBTR-F Datasheet HTML 3Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 4Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 5Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 6Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 7Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 8Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 9Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 10Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
X
XR
RP
P7
77
70
08
8 a
an
nd
d X
XR
RP
P7
77
74
40
0
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerrss
© 2012 Exar Corporation
7/28
Rev. 1.2.2
Name
Pin Number
Description
DGND
10
Digital Ground. This pin should be connected to the ground plane at the exposed pad with
a separate trace.
AGND
11
Analog Ground. This pin should be connected to the ground plane at the exposed pad with
a separate trace
GL1-GL4
35,30,17,22 Output pin of the low side gate driver. Connect directly to the respective gate of an
external N-channel MOSFET.
GH1-GH4
33,28,19,24 Output pin of the high side gate driver. Connect directly to the respective gate of an
external N-channel MOSFET.
LX1-LX4
34,29,18,23
Lower supply rail for the high-side gate driver (GHx). Connect this pin to the switching
node at the junction between the two external power MOSFETs and the inductor. These
pins are also used to measure voltage drop across bottom MOSFETs in order to provide
output current information to the control engine.
BST1-BST4
32,27,20,25
High side driver supply pin(s). Connect BST to an external boost diode and a capacitor as
shown in the front page diagram.
The high side driver is connected between the BST pin and LX pin.
GPIO0-GPIO3
3,4,5,6
These pins can be configured as inputs or outputs to implement custom flags, power good
signals and enable/disable controls. A GPIO pin can also be programmed as an input clock
synchronizing IC to external clock. Refer to the “GPIO Pins” Section and the “External
Clock Synchronization” Section for more information.
GPIO4_SDA,
GPIO5_SCL
7,8
I2C serial interface communication pins. These pins can be re-programmed to perform
GPIO functions in applications when I2C bus is not used.
VOUT1-VOUT4
12,13,14,15 Voltage sense.
Connect to the output of the corresponding power stage.
LDOOUT
40
Output of the Standby LDO. It can be configured as a 5V or 3.3V output. A compensation
capacitor should be used on this pin [see Application Note].
ENABLE
9
If ENABLE is pulled high, the chip powers up (logic reset, registers configuration loaded,
etc.). If pulled low for longer than 100us, the XRP7708/40 is placed into shutdown. See
applications section for proper sequencing of this pin.
AGND
Exposed Pad Analog Ground. Connect to analog ground (as noted above for pin 11).
ORDERING INFORMATION
Part Number
Junction Temp
Range
Marking
Package
Packing
Quantity
Note 1
Default I2C
Address
XRP7708ILB- F
-40°C≤TJ≤+125°C XRP7708ILB
YYWW X
40-pin TQFN
Bulk
Halogen Free
XRP7708ILBTR-F
-40°C≤TJ≤+125°C XRP7708ILB
YYWW X
40-pin TQFN 3K/Tape & Reel
Halogen Free
XRP7740ILB- F
-40°C≤TJ≤+125°C XRP7740ILB
YYWW X
40-pin TQFN
Bulk
Halogen Free
XRP7740ILBTR-F
-40°C≤TJ≤+125°C XRP7740ILB
YYWW X
40-pin TQFN 3K/Tape & Reel
Halogen Free
XRP7740ILB-0X180-F
-40°C≤TJ≤+125°C
XRP7740ILB
YYWW X
0X18
40-pin TQFN
Bulk
Halogen Free
0X18
XRP7740ILBTR-0X18-F -40°C≤TJ≤+125°C
XRP7740ILB
YYWW X
0X18
40-pin TQFN 3K/Tape & Reel
Halogen Free
0X18
XRP7708EVB
XRP7708 Evaluation Board
XRP7740EVB
XRP7740 Evaluation Board
“YY” = Year – “WW” = Work Week – “X” = Lot Number


Similar Part No. - XRP7708ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708ILBTR-F EXAR-XRP7708ILBTR-F Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7708ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Exar Corporation
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Maxim Integrated Produc...
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com