Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61081 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61081
Description  HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61081 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61081 Datasheet HTML 6Page - Texas Instruments TPS61081 Datasheet HTML 7Page - Texas Instruments TPS61081 Datasheet HTML 8Page - Texas Instruments TPS61081 Datasheet HTML 9Page - Texas Instruments TPS61081 Datasheet HTML 10Page - Texas Instruments TPS61081 Datasheet HTML 11Page - Texas Instruments TPS61081 Datasheet HTML 12Page - Texas Instruments TPS61081 Datasheet HTML 13Page - Texas Instruments TPS61081 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TPS61080
TPS61081
SLVS644D – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
DETAILED DESCRIPTION
OPERATION
TPS61080/1 is a highly integrated boost regulator for up to 27V output. In addition to the on-chip 0.5A/1.2A PWM
switch and power diode, this IC also builds in an input side isolation switch as shown in the block diagram. One
common issue with conventional boost regulator is the conduction path from input to output even when PWM
switch is turned off. It creates three problems, inrush current during start up, output leakage voltage under
shutdown, and unlimited short circuit current. To address these issues, TPS61080/1 turns off the isolation switch
under shutdown mode and short circuit condition to eliminate any possible current path.
TPS61080/1 adopts current mode control with constant PWM (pulse width modulation) frequency. The switching
frequency can be configured to either 600KHz or 1.2MHz through the FSW pin. 600KHz improves light load
efficiency, while 1.2MHz allows using smaller external component. The PWM operation turns on the PWM switch
at the beginning of each switching cycle. The input voltage is applied across the inductor and stores the energy
as inductor current ramps up. The load current is provided by the output capacitor. When the inductor current
across the threshold set by error amplifier output, the PWM switch is turned off, and the power diode is forward
biased. The inductor transfers its stored energy to replenish the output capacitor. This operation repeats in the
next switching cycle.
The error amplifier compares the FB pin voltage with an internal reference, and its output determines the duty
cycle of the PWM switching. This close loop system requires loop compensation for stable operation.
TPS61080/1 has internal compensation circuitry which accommodates a wide range of input and output voltages.
The TPS61080/1 integrates slope compensation to the current ramp to avoid the sub-harmonic oscillation that is
intrinsic to current mode control schemes.
START UP
TPS61080/1 turns on the isolation FET when the EN pin is pulled high, provided that the input voltage is higher
than the undervoltage lockout threshold. The Vgs of the isolation FET is clamped to maintain high on-resistance
and limits the current to 30mA charging the output capacitor. This feature limits the in-rush current and maximum
start up current to 30mA. Once the output capacitor is charged to VIN, the IC removes the Vgs clamp to fully turn
on the isolation FET and at the same time actives soft start by charging the capacitor on the SS pin. If OUT stays
lower than VIN-Vsc following a 1.7ms delay after enable is taken high, the IC recognizes a short circuit condition.
In this case, the isolation FET turns off, and IC remains off until the EN pin toggles or VIN cycles through power
on reset (POR).
During the soft start phase, the SS pin capacitor is charged by internal bias current of the SS pin. The SS pin
capacitor programs the ramp up slope. The SS pin voltage clamps the reference voltage of the FB pin, therefore
the output capacitor rise time follows the SS pin voltage. Without the soft start, the inductor current could reach
the over current limit threshold, and there is potential for output overshoot. see the APPLICATION
INFORMATION section on selecting soft start capacitor values. Pulling the SS pin to ground disables the PWM
switching. However, unlike being disabled by pulling EN low, the IC continues to draw quiescent current and the
isolation FET remains on.
OVERCURRENT AND SHORT CIRCUIT PROTECTION
TPS61080/1 has a pulse by pulse over current limit feature which turns off the power switch once the inductor
current reaches the overcurrent limit. The PWM circuitry resets itself at the beginning of the next switch cycle.
The overcurrent threshold determines the available output current. However, the maximum output is also a
function of the input voltage, output voltage, switching frequency and inductor value. Larger inductor values and
1.2MHz switching frequency increase the current output capability because of the reduced current ripple. See the
APPLICATION INFORMATION section for the maximum output current calculation.
In typical boost converter topologies, if the output is grounded, turning off the power switch does not limit the
current because a current path exists from the input to output through the inductor and power diode. To eliminate
this path, TPS61080/1 turns off the isolation FET between the input and the inductor. This circuit is triggered
when the inductor current remains above short circuit current limit for more than 13
μs, or the OUT pin voltage
falls below VIN-1.4V for more than 1.7ms. An internal catch-diode between the L pin and ground turns on to
provide a current discharge path for the inductor. If the short is caused by the output being low, then the IC shuts
down and waits for EN to be toggled or a POR. If the short protection is triggered by short circuit current limit, the
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: TPS61080 TPS61081


Similar Part No. - TPS61081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61081 TI-TPS61081 Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61081DRCR TI-TPS61081DRCR Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61081DRCT TI-TPS61081DRCT Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
More results

Similar Description - TPS61081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61080 TI-TPS61080 Datasheet
911Kb / 25P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Linear Technology
LTC3129-1 LINER-LTC3129-1 Datasheet
339Kb / 8P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
LTC3129 LINER-LTC3129 Datasheet
1Mb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
logo
Texas Instruments
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
logo
Semtech Corporation
SC419 SEMTECH-SC419 Datasheet
579Kb / 24P
   EcoSpeedTM DC-DC Converter with Integrated Boost Diode
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com