Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1050DWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050DWR
Description  ISOLATED CAN TRANSCEIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1050DWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1050DWR Datasheet HTML 5Page - Texas Instruments ISO1050DWR Datasheet HTML 6Page - Texas Instruments ISO1050DWR Datasheet HTML 7Page - Texas Instruments ISO1050DWR Datasheet HTML 8Page - Texas Instruments ISO1050DWR Datasheet HTML 9Page - Texas Instruments ISO1050DWR Datasheet HTML 10Page - Texas Instruments ISO1050DWR Datasheet HTML 11Page - Texas Instruments ISO1050DWR Datasheet HTML 12Page - Texas Instruments ISO1050DWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ISO1050
www.ti.com
SLLS983H – JUNE 2009 – REVISED JUNE 2013
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going bus input threshold voltage
750
900
mV
See Table 4
VIT–
Negative-going bus input threshold voltage
500
650
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
150
mV
IOH = –4 mA, See Figure 9
VCC – 0.8
4.6
VOH
High-level output voltage with Vcc = 5V
V
IOH = –20 μA, See Figure 9
VCC – 0.1
5
IOL = 4 mA, See Figure 9
VCC – 0.8
3.1
VOH
High-level output voltage with Vcc1 = 3.3V
V
IOL = 20 μA, See Figure 9
VCC – 0.1
3.3
IOL = 4 mA, See Figure 9
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 9
0
0.1
CI
Input capacitance to ground, (CANH or CANL)
TXD at 3 V, VI = 0.4 sin (4E6πt) + 2.5V
6
pF
CID
Differential input capacitance
TXD at 3 V, VI = 0.4 sin (4E6πt)
3
pF
RID
Differential input resistance
TXD at 3 V
30
80
k
RIN
Input resistance (CANH or CANL)
TXD at 3 V
15
30
40
k
Input resistance matching
RI(m)
VCANH = VCANL
–3%
0%
3%
(1 – [RIN (CANH) / RIN (CANL)]) × 100%
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 16
25
50
kV/
μs
(1)
All typical values are at 25°C with VCC1 = VCC2 = 5V.
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
66
90
130
tPHL
Propagation delay time, high-to-low-level output
51
80
105
TXD at 3 V, See Figure 9
ns
tr
Output signal rise time
3
6
tf
Output signal fall time
3
6
tfs
Failsafe output delay time from bus-side power loss
VCC1 at 5 V, See Figure 15
6
μs
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO1050


Similar Part No. - ISO1050DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050DWR TI-ISO1050DWR Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050DWR TI-ISO1050DWR Datasheet
822Kb / 24P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
More results

Similar Description - ISO1050DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050_101 TI-ISO1050_101 Datasheet
822Kb / 24P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
[Old version datasheet]   ISOLATED CAN TRANSCEIVER
logo
Analog Devices
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
   Signal Isolated CAN FD Transceiver
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
   Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
logo
Analog Devices
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
   Signal Isolated, Basic CAN FD Transceiver
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
logo
NXP Semiconductors
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com