Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9559701MPA Datasheet(PDF) 8 Page - Analog Devices

Part # 5962-9559701MPA
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9559701MPA Datasheet(HTML) 8 Page - Analog Devices

Back Button 5962-9559701MPA Datasheet HTML 4Page - Analog Devices 5962-9559701MPA Datasheet HTML 5Page - Analog Devices 5962-9559701MPA Datasheet HTML 6Page - Analog Devices 5962-9559701MPA Datasheet HTML 7Page - Analog Devices 5962-9559701MPA Datasheet HTML 8Page - Analog Devices 5962-9559701MPA Datasheet HTML 9Page - Analog Devices 5962-9559701MPA Datasheet HTML 10Page - Analog Devices 5962-9559701MPA Datasheet HTML 11Page - Analog Devices 5962-9559701MPA Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8036/AD8037
REV. B
–7–
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = 5V
RL = 500
G = +1
2ND HARMONIC
3RD HARMONIC
TPC 19. AD8036 Harmonic Distortion vs. Frequency,
RL = 500
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = 5V
RL = 100
G = +1
2ND HARMONIC
3RD HARMONIC
TPC 20. AD8036 Harmonic Distortion vs. Frequency,
RL = 100
50
30
10
100
20
40
FREQUENCY – MHz
60
20
40
80
60
TPC 21. AD8036 Third Order Intercept vs. Frequency
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
0.04
0.02
0.00
–0.02
–0.04
0.04
0.02
0.00
–0.02
–0.04
0.06
–0.06
TPC 22. AD8036 Differential Gain and Phase Error,
G = +1, RL = 150
Ω, F = 3.58 MHz
SETTLING TIME – ns
0
5
10
15
20
25
30
35
40
45
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
TPC 23. AD8036 Short-Term Settling Time to 0.01%, 2 V
Step, G = +1, RL = 100
SETTLING TIME -
s
0
2
4
6
8
10
12 14
16
18
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
TPC 24. AD8036 Long-Term Settling Time, 2 V Step,
G = +1, RL = 100


Similar Part No. - 5962-9559701MPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9559701MPA AD-5962-9559701MPA Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
5962-9559701MPA AD-5962-9559701MPA Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
5962-9559701MPA AD-5962-9559701MPA Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results

Similar Description - 5962-9559701MPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8036ARZ AD-AD8036ARZ Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com