Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8017AR-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8017AR-REEL7
Description  Dual High Output Current, High Speed Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8017AR-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8017AR-REEL7 Datasheet HTML 1Page - Analog Devices AD8017AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8017AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8017AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8017AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8017AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8017AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8017AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8017AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD8017
–4–
REV. C
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2 V
Internal Power Dissipation
2
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±2.5 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device on a two-layer board with 2500 mm2 of 2 oz. copper at
+25
°C 8-lead SOIC package: θ
JA = 95.0
°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8017
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
device is determined by the glass transition temperature of the
plastic, approximately 150
°C. Temporarily exceeding this limit
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a junc-
tion temperature of 175
°C for an extended period can result in
device failure.
The output stage of the AD8017 is designed for maximum load
current capability. As a result, shorting the output to common
can cause the AD8017 to source or sink 500 mA. To ensure
proper operation, it is necessary to observe the maximum power
derating curves. Direct connection of the output to either power
supply rail can destroy the device.
AMBIENT TEMPERATURE – C
2.0
1.5
0
0
90
10
20
30
40
50
60
70
80
1.0
0.5
TJ = 150 C
TJ = 125 C
Figure 3. Plot of Maximum Power Dissipation vs.
Temperature for AD8017
619
619
RL
VOUT
+VS
–VS
10 F
10 F
+
+
0.1 F
0.1 F
49.9
VIN
Figure 4. Test Circuit: Gain = +2
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8017AR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8017AR-REEL
–40
°C to +85°C
Tape and Reel 13"
SO-8
AD8017AR-REEL7
–40
°C to +85°C
Tape and Reel 7"
SO-8
AD8017AR-EVAL
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8017 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
619
619
RL
VOUT
+VS
–VS
10 F
10 F
+
+
0.1 F
0.1 F
54.4
VIN
Figure 5. Test Circuit: Gain = –1


Similar Part No. - AD8017AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8017AR-REEL7 AD-AD8017AR-REEL7 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017AR-REEL7 AD-AD8017AR-REEL7 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR-REEL7 AD-AD8017AR-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
More results

Similar Description - AD8017AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017 Datasheet
223Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. A
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com