Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4309 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4309
Description  16BIT SCF DAC FOR MULTIMEDIA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4309 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4309 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4309 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4309 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4309 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4309 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4309 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4309 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4309 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4309 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ASAHI KASEI
[AK4309B]
0177-E-00
1997/6
- 1 -
AK4309B
16Bit SCF DAC for Multimedia
General Description
The AK4309B is a 1bit stereo DAC for multimedia audio systems. A 1bit DAC can achieve monotonicity and
low distortion with no adjustment and is superior to traditional R-2R ladder based DACs. In the AK4309B, the
loss of accuracy from clock jitter is also improved by using SCF techniques for on-chip post filter. The
AK4309B includes continuous time filter with single end output and does not need any external parts. The
master clock can be either 256fs or 384fs, supporting various audio environment.
Features
† Sampling Rate Ranging from 8kHz to 50kHz
† On chip Perfect filtering
8 times FIR Interpolator
2nd order SCF and CTF
Total Response: ±0.5dB at 20kHz
† On chip Buffer with Single End Output
† Master Clock: 256fs or 384fs
† High Tolerance to Clock Jitter
† TTL Level Digital Interface
† THD+N: -84dB
† Dynamic Range: 90dB
† Output Level: 3.4Vpp
† Power Supply: 5V±10%
† Low Power Dissipation: 80mW at 5V
† Small Package: 20pin SSOP
† Pin Compatible with AK4310/4309A


Similar Part No. - AK4309

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK430-3-R ASSMANN-AK430-3-R Datasheet
271Kb / 1P
   CENT 36-PIN FEMALE TO CENT 36-PIN
More results

Similar Description - AK4309

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4319A AKM-AK4319A Datasheet
164Kb / 18P
   18Bit SCF DAC
AK4317 AKM-AK4317 Datasheet
171Kb / 19P
   18BIT SCF DAC WITH ATT & MIXER
AK4516A AKM-AK4516A Datasheet
355Kb / 39P
   3V 16BIT ADC&DAC WITH BUILT-IN PGA
logo
Wolfson Microelectronic...
WM8986 WOLFSON-WM8986_07 Datasheet
1Mb / 87P
   Multimedia DAC With Class D Headphone and Line Out
logo
Asahi Kasei Microsystem...
AK4563A AKM-AK4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
Advanced Crystal Techno...
ACTF2089 ACT-ACTF2089 Datasheet
357Kb / 3P
   SAW Filter for Multimedia Applications
13-7-2011
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
   Power Management for Multimedia Processors
logo
Lumberg
4512 LUMBERG-4512 Datasheet
545Kb / 3P
   Multimedia interfaces for infotainment packages
logo
STMicroelectronics
STW4811M STMICROELECTRONICS-STW4811M Datasheet
1Mb / 86P
   Power management for multimedia processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com