Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7871KP Datasheet(PDF) 11 Page - Analog Devices

Part # AD7871KP
Description  LC2MOS Complete 14-Bit, Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7871KP Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7871KP Datasheet HTML 7Page - Analog Devices AD7871KP Datasheet HTML 8Page - Analog Devices AD7871KP Datasheet HTML 9Page - Analog Devices AD7871KP Datasheet HTML 10Page - Analog Devices AD7871KP Datasheet HTML 11Page - Analog Devices AD7871KP Datasheet HTML 12Page - Analog Devices AD7871KP Datasheet HTML 13Page - Analog Devices AD7871KP Datasheet HTML 14Page - Analog Devices AD7871KP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7871/AD7872
–11–
REV. D
microprocessor and the conversion result is read from the ADC
with the following instruction:
ADSP-2100 MR0 = DM(ADC)
TMS32020/C25: IN D,ADC
MR0 = ADSP-2100 MR0 Register
D = Data Memory Address
ADC = AD7871 Address
Figure 17. AD7871 to ADSP-2100 Parallel Interface
Figure 18. AD7871 to TMS32020/C25 Interface
Some applications may require that conversions be initiated by
the microprocessor rather than an external timer. One option is
to decode the AD7871
CONVST from the address bus so that a
write operation to the ADC starts a conversion. Data is read at
the end of conversion as described earlier. Note, a read opera-
tion must not be attempted during conversion.
Using the CCIF standard where two input frequencies near the
top end of the input bandwidth are used, the second and third or-
der terms are of different significance. The second order terms
are usually distanced in frequency from the original sine waves
while the third order terms are usually at a frequency close to the
input frequencies. As a result, the second and third order terms
are specified separately. The calculation of the intermodulation
distortion is as per the THD specification where it is the ratio of
the rms sum of the individual distortion products to the rms
amplitude of the fundamental expressed in dBs. In this case, the
input consists of two, equal amplitude, low distortion sine waves.
Figure 16 shows a typical IMD plot for the AD7871/AD7872.
Figure 16. IMD Plot
Peak Harmonic or Spurious Noise
Peak Harmonic or Spurious Noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fs/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification will be
determined by the largest harmonic in the spectrum, but for
parts where the harmonics are buried in the noise floor, peak
will be a noise peak.
MICROPROCESSOR INTERFACE
The AD7871 and AD7872 have a wide variety of interfacing op-
tions. The AD7871 offers two operating modes and three
data-output formats, while the AD7872 is a dedicated serial
output device. The fast data access times on the parallel modes
of the AD7871 allow interfacing to the very fast DSPs. The se-
rial mode on both the AD7871 and AD7872 is compatible with
the serial port structures on all the popular DSPs.
Parallel Read Interfacing
Figures 17 and 18 show interfaces to the ADSP-2100 and the
TMS32020/C25 DSP processors. The AD7871 is operating in
Mode 1, parallel read for both interfaces. An external timer con-
trols conversion start asynchronously to the microprocessor. At
the end of each conversion the ADC
BUSY/INT interrupts the


Similar Part No. - AD7871KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7871KP AD-AD7871KP Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
More results

Similar Description - AD7871KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com