Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7538TQ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7538TQ
Description  LC2MOS Microprocessor-Compatible 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7538TQ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7538TQ Datasheet HTML 7Page - Analog Devices AD7538TQ Datasheet HTML 8Page - Analog Devices AD7538TQ Datasheet HTML 9Page - Analog Devices AD7538TQ Datasheet HTML 10Page - Analog Devices AD7538TQ Datasheet HTML 11Page - Analog Devices AD7538TQ Datasheet HTML 12Page - Analog Devices AD7538TQ Datasheet HTML 13Page - Analog Devices AD7538TQ Datasheet HTML 14Page - Analog Devices AD7538TQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7538
Rev. B | Page 11 of 16
BIPOLAR OPERATION (4-QUADRANT
MULTIPLICATION)
The recommended circuit diagram for bipolar operation is
shown in Figure 8. Offset binary coding is used. The code table
for Figure 8 is given in Table 7.
With the DAC loaded to 10 0000 0000 0000, adjust R1 for VO =
0 V. Alternatively, one can omit R1 and R2 and adjust the ratio
of R5 and R6 for VO = 0 V. Full-scale trimming can be accom-
plished by adjusting the amplitude of VIN or by varying the
value of R7.
The values given for R1, R2 are the minimum necessary to
calibrate the system for Resistors R5, R6, R7 ratio matched to
0.1%. System linearity error is independent of resistor ratio
matching and is affected by DAC linearity error only.
When operating over a wide temperature range, it is important
that the resistors be of the same type so that their temperature
coefficients match.
LOW LEAKAGE CONFIGURATION
For CMOS multiplying DAC, as the device is operated at higher
temperatures, the output leakage current increases. For a 14-bit
resolution system, this can be a significant source of error. The
AD7538 features a leakage reduction configuration to keep the
leakage current low over an extended temperature range. One
may operate the device with or without this configuration. If VSS
(Pin 24) is tied to AGND then the DAC exhibits normal output
leakage currents at high temperatures. To use the low leakage
facility, VSS should be tied to a voltage of approximately −0.3 V
as in Figure 6 and Figure 8. A simple resistor divider (R3, R4)
produces approximately −300 mV from −15 V. The C2
capacitor in parallel with R3 is an integral part of the low
leakage configuration and must be 4.7 μF or greater. Figure 7
is a plot of leakage current vs. temperature for both conditions.
It clearly shows the improvement gained by using the low
leakage configuration.
Table 7. Bipolar Code Table for the Offset Binary Circuit
of Figure 8
Binary Number In
DAC Register
Analog Output VOUT
MSB
LSB
11 1111 1111 1111
+VIN(8191/8192)
10 0000 0000 0001
+VIN(1/8192)
10 0000 0000 0000
0 V
01 1111 1111 1111
−VIN(1/8192)
00 0000 0000 0000
−VIN(8191/8192)
30
40
50
60
70
80
90
100 110 120
TEMPERATURE (°C)
60
50
40
30
20
10
0
VDD = 15V
VREF = 10V
VSS = 0V
VSS = –0.3V
Figure 7. Graph of Typical Leakage Current vs. Temperature for AD7538
619
5
24
23
1
20
21
22
2
3
4
DB13 TO DB0 DGND
VDD
VREF
RFB
IOUT
VDD
–15V
AGND
VSS
LDAC
CS
WR
LDAC
CS
WR
AD7538
A1
R3
1kΩ
R2
22Ω
R5
10kΩ
R7
20kΩ
R6
20kΩ
R8
5kΩ, 10%
R1
50Ω
R4
47kΩ
INPUT DATA
DIGITAL
GND
C2
4.7µF
C1
33pF
ANALOG
GND
AD711
A2
AD711
VIN
VO
+
Figure 8. Bipolar Operation


Similar Part No. - AD7538TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538TQ AD-AD7538TQ Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538TQ AD-AD7538TQ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results

Similar Description - AD7538TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
   LC2MOS uP-Compatible 14-Bit DAC
REV. A
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com