Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4112 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4112
Description  High Feature 96kHz 24bit DIR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4112 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4112 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4112 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4112 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4112 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4112 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4112 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4112 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4112 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4112 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ASAHI KASEI
[AK4112A]
MS0020-E-00
2000/3
- 3 -
Input
Selector
System
Control
Clock
Recovery
Clock
Generator
DAIF
Decoder
AC-3/MPEG
Detect
Error
Detect
DEM
µp I/F
Audio
I/F
96kHz
Detect
X'tal
Oscillator
RX1
RX2
RX3
RX4
V/TX
DVDD
DVSS
PDN
AUTO
ERF
P/S="L"
TVDD
LRCK
BICK
SDTO
DAUX
FS96
XTO
XTI
MCKO2
MCKO1
R
AVDD
AVSS
CDTI
CDTO
CCLK
CSN
Serial Control Mode
System
Control
Clock
Recovery
Clock
Generator
DAIF
Decoder
AC-3/MPEG
Detect
Error
Detect
DEM
Audio
I/F
96kHz
Detect
X'tal
Oscillator
RX1
V
DVDD
DVSS
AUTO
ERF
P/S="H"
TVDD
LRCK
BICK
SDTO
DAUX
FS96
XTO
XTI
MCKO2
MCKO1
R
AVDD
AVSS
CM1
CM0
OCKS1
OCKS0
OCKS0
PDN
OCKS1
CM0
CM1
DIF0
DIF1
DIF2
4
Parallel Control Mode


Similar Part No. - AK4112

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112B AKM-AK4112B Datasheet
419Kb / 25P
   96kHz digital audio receiver.
AK4112B AKM-AK4112B Datasheet
332Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112BVM AKM-AK4112BVM Datasheet
332Kb / 31P
   High Feature 96kHz 24bit DIR
More results

Similar Description - AK4112

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B AKM-AK4112B_12 Datasheet
332Kb / 31P
   High Feature 96kHz 24bit DIR
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com