Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7575 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7575
Description  LC2MOS 5ums 8-Bit ADC with Track/Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7575 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7575 Datasheet HTML 4Page - Analog Devices AD7575 Datasheet HTML 5Page - Analog Devices AD7575 Datasheet HTML 6Page - Analog Devices AD7575 Datasheet HTML 7Page - Analog Devices AD7575 Datasheet HTML 8Page - Analog Devices AD7575 Datasheet HTML 9Page - Analog Devices AD7575 Datasheet HTML 10Page - Analog Devices AD7575 Datasheet HTML 11Page - Analog Devices AD7575 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7575
–11–
REV. B
Taking the 25
°C measurement as the starting point, the
full-scale error introduced is always in the negative direction
whether the temperature goes to TMIN or TMAX. This can be
seen from the AD589 temperature characteristic shown in Fig-
ure 20. If the reference voltage is adjusted for 1.23 V at 45
°C
(for the 0
°C to +70°C range) and 75°C (for the –55°C to
+125
°C range) the magnitude of the error introduced is reduced
since it is distributed in both the positive and negative direc-
tions. Alternatively, this can be achieved not by adjusting at
these temperatures, which would be impractical, but by adjust-
ing the reference to 1.231 V instead of 1.23 V (for the extended
temperature range) at 25
°C. This has the required effect of
distributing the plot of Figure 20 more evenly about the desired
value.
An additional error source is the mismatch between the tem-
perature coefficients (TCs) of the 10 k
Ω and 1 kΩ resistors in
the feedback loop of the TLC271. If these resistors have
±50 ppm/°C absolute TCs, the worst case difference in drift be-
tween both resistors is 100 ppm/
°C. From +25°C to +125°C, this
introduces a worst case shift of 1.22 mV, which results in an addi-
tional full-scale error of 0.25 LSB. If
±25 ppm/°C resistors are
used, then the worst case error is 0.13 LSB. Over the 0
°C to
+70
°C range, the ±50 ppm/°C resistors introduce an additional
full-scale error of 0.11 LSB. All these errors are worst case and
assume that the resistance values drift in opposite directions. In
practice, resistors of the same type, and from the same manufac-
turer, would drift in the same direction and hence the above
error would be considerably reduced. An additional error source
is the offset drift of the TLC271. This is significant only over
the –55
°C to +125°C range and, even in this case, it contrib-
utes <0.1 LSB worth of full-scale error.
The error outlined in the right-hand column of Table I is a total
unadjusted error specification, excluding resistor and offset drift
(the effect of these can be controlled by the user). It consists of
errors from two error sources: a
±l LSB contribution from the
AD7575 (including full-scale, offset and relative accuracy er-
rors), and the remainder is a full-scale error introduced by the
AD589. It is important to note that the variation of the AD589
voltage only introduces a full-scale error; the relative accuracy
(or endpoint nonlinearity) of the system, with a top grade
AD7575, is still
±1/2 LSB (i.e., 8-bits accurate).
TEMPERATURE – C
1.2370
1.2365
1.2345
–50
125
–25
0
255075
100
1.2360
1.2355
1.2350
Figure 20. Typical AD589 Temperature Characteristics
The effect the TC has on the system error is that it introduces a
full-scale error in the ADC. This, in turn, affects the total unad-
justed error specification. For example, using the AD589KH
with a 50 ppm/
°C max TC the change in reference voltage from
25
°C to 70°C will be from 1.23 V to 1.22724 V, a change of –
2.76 mV. This results in a change in the full-scale range of the
ADC of –5.52 mV, since the full-scale range on the AD7575 is
2 VREF. Because the LSB size for the AD7575 is 9.61 mV, the
AD589 introduces an additional full-scale error of –0.57 LSBs
on top of the existing full-scale error specification for the ADC.
Since the total unadjusted error specification for the ADC
includes the full-scale error, there is also a corresponding in-
crease in the total unadjusted error of –0.57 LSBs. The change
in reference voltage at 0
°C is –1.5 mV, resulting in a full-scale
change of –3 mV or –0.31 LSBs worth of full-scale error. Table I
shows the amount of additional total unadjusted error, which is
introduced by the temperature variation of the AD589, for
different grades and for different temperature ranges. This table
applies only to nonratiometric applications, because the tem-
perature variation of the reference does not affect the system
error in ratiometric applications as outlined earlier. It shows the
amount of error introduced over TMIN to TMAX for a system in
which the reference has been adjusted to the desired value at
25
°C. The final or right-most column of the table gives the total
combined error for the AD589 and the top grade AD7575.
Table I. AD589/AD7575 Error over Temperature (Nonratiometric Applications)
Full-Scale Error Introduced
Combined Worst Case
AD589
Temperature
by AD589 @ TMAX
AD589/AD7575
Grade
Range
(Worst Case)
T.U.E. @ TMAX
AD589JH
0
°C to +70°C
–1.15 LSB
–2.15 LSB
AD589KH
0
°C to +70°C
–0.57 LSB
–1.57 LSB
AD589LH
0
°C to +70°C
–0.29 LSB
–1.29 LSB
AD589MH
0
°C to +70°C
–0.115 LSB
–1.115 LSB
AD589SH
–55
°C to +125°C
–2.56 LSB
–3.56 LSB
AD589TH
–55
°C to +125°C
–1.28 LSB
–2.28 LSB
AD589UH
–55
°C to +125°C
–0.64 LSB
–1.64 LSB
*Excluding resistor and offset drift.


Similar Part No. - AD7575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575 AD-AD7575 Datasheet
146Kb / 12P
   LC2MOS 5 us 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7575AQ AD-AD7575AQ Datasheet
146Kb / 12P
   LC2MOS 5 us 8-Bit ADC with Track/Hold
REV. B
AD7575AQ AD-AD7575AQ Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
More results

Similar Description - AD7575

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
146Kb / 12P
   LC2MOS 5 us 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821 Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com