Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5227EVAL Datasheet(PDF) 8 Page - Analog Devices

Part # AD5227EVAL
Description  64-Position Up/DownControl Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5227EVAL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5227EVAL Datasheet HTML 4Page - Analog Devices AD5227EVAL Datasheet HTML 5Page - Analog Devices AD5227EVAL Datasheet HTML 6Page - Analog Devices AD5227EVAL Datasheet HTML 7Page - Analog Devices AD5227EVAL Datasheet HTML 8Page - Analog Devices AD5227EVAL Datasheet HTML 9Page - Analog Devices AD5227EVAL Datasheet HTML 10Page - Analog Devices AD5227EVAL Datasheet HTML 11Page - Analog Devices AD5227EVAL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD5227
Rev. B | Page 8 of
16
1
0.1
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
Figure 12. Supply Current vs. Temperature
1
0.1
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
RAB = 50kΩ
RAB = 100kΩ
RAB = 10kΩ
Figure 13. Nominal Resistance vs. Temperature
120
0
20
40
60
80
100
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
VDD = 2.7V
Figure 14. Wiper Resistance vs. Temperature
20
–20
–15
–10
–5
0
5
10
15
0
8
16
24
32
40
48
56
64
CODE (Decimal)
10k
Ω
50k
Ω
100k
Ω
VDD = 5.5V
Figure 15. Rheostat Mode Tempco ΔRWB/ΔT vs. Code
20
–20
–15
–10
–5
0
5
10
15
0
8
16
24
32
40
48
56
64
CODE (Decimal)
10k
Ω
50k
Ω
100k
Ω
VDD = 5.5V
Figure 16. Potentiometer Mode Tempco ΔRWB/ΔT vs. Code
6
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
1M
START 1 000.000Hz
STOP 1 000 000.000Hz
REF LEVEL
0dB
/DIV
6.0dB
MARKER
MAG (A/R)
461 441.868Hz
–8.957dB
100k
TA = 25°C
VDD = 5.5V
VA = 50mV rms
32 STEPS
16 STEPS
8 STEPS
4 STEPS
2 STEPS
1 STEP
Figure 17. Gain vs. Frequency vs. Code, RAB = 10 kΩ


Similar Part No. - AD5227EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5227EVAL AD-AD5227EVAL Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results

Similar Description - AD5227EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com