Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5280 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5280
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5280 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5280 Datasheet HTML 2Page - Analog Devices AD5280 Datasheet HTML 3Page - Analog Devices AD5280 Datasheet HTML 4Page - Analog Devices AD5280 Datasheet HTML 5Page - Analog Devices AD5280 Datasheet HTML 6Page - Analog Devices AD5280 Datasheet HTML 7Page - Analog Devices AD5280 Datasheet HTML 8Page - Analog Devices AD5280 Datasheet HTML 9Page - Analog Devices AD5280 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5280/AD5282
Rev. C | Page 6 of
28
SDA
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A
W
B
SHDN
SCL
VDD
1
2
3
4
5
6
14
13
12
11
10
9
7
8
O1
VL
O2
GND
AD1
VSS
AD5280
TOP VIEW
AD0
O1
A1
W1
VDD
SHDN
B1
SCL
A2
W2
B2
VSS
GND
VL
AD1
1
16
2
15
3
14
Figure 4. AD5280 Pin Configuration
4
13
5
12
6
7
SDA
8
11
10
9
AD0
AD5282
TOP VIEW
Figure 5. AD5282 Pin Configuration
Table 4. AD5280 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A
Resistor Terminal A.
2
W
Wiper Terminal W.
3
B
Resistor Terminal B.
4
VDD
Positive Power Supply. Specified for
operation from 5 V to 15 V (sum of |VDD|
+ |VSS| ≤ 15 V).
5
SHDN
Active Low, Asynchronous Connection
of Wiper W to Terminal B and Open
Circuit of Terminal A. RDAC register
contents unchanged. SHDN should tie
to VL if not used. Can also be used as a
programmable preset in power-up.
6
SCL
Serial Clock Input.
7
SDA
Serial Data Input/Output.
8
AD0
Programmable Address Bit 0 for
Multiple Package Decoding. Bit AD0
and Bit AD1 provide four possible
addresses.
9
AD1
Programmable Address Bit 1 for
Multiple Package Decoding. Bit AD0
and Bit AD1 provide four possible
addresses.
10
GND
Common Ground.
11
VSS
Negative Power Supply. Specified for
operation from 0 V to −5 V (sum of |VDD|
+ |VSS| ≤ 15 V).
12
O2
Logic Output Terminal O2.
13
VL
Logic Supply Voltage. Needs to be less
than or equal to VDD and at the same
voltage as the digital logic controlling
the AD5280.
14
O1
Logic Output Terminal O1.
Table 5. AD5282 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
O1
Logic Output Terminal O1.
2
A1
Resistor Terminal A1.
3
W1
Wiper Terminal W1.
4
B1
Resistor Terminal B1.
5
VDD
Positive Power Supply. Specified for
operation from 5 V to 15 V (sum of |VDD|
+ |VSS| ≤ 15 V).
6
SHDN
Active Low, Asynchronous Connection
of Wiper W to Terminal B and Open
Circuit of Terminal A. RDAC register
contents unchanged. SHDN should tie
to VL if not used. Can be also used as a
programmable preset in power-up.
7
SCL
Serial Clock Input.
8
SDA
Serial Data Input/Output.
9
AD0
Programmable Address Bit 0 for
Multiple Package Decoding. Bit AD0
and Bit AD1 provide four possible
addresses.
10
AD1
Programmable Address Bit 1 for
Multiple Package Decoding. Bit AD0
and Bit AD1 provide four possible
addresses.
11
GND
Common Ground.
12
VSS
Negative Power Supply. Specified for
operation from 0 V to −5 V (sum of |VDD|
+ |VSS| ≤ 15 V).
13
VL
Logic Supply Voltage. Needs to be less
than or equal to VDD and at the same
voltage as the digital logic controlling
the AD5282.
14
B2
Resistor Terminal B2.
15
W2
Wiper Terminal W2.
16
A2
Resistor Terminal A2.


Similar Part No. - AD5280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280 AD-AD5280 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5280BRU20 AD-AD5280BRU20 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5280BRU200 AD-AD5280BRU200 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5280BRU50 AD-AD5280BRU50 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
More results

Similar Description - AD5280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com