Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5282BRUZ200 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5282BRUZ200
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282BRUZ200 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5282BRUZ200 Datasheet HTML 4Page - Analog Devices AD5282BRUZ200 Datasheet HTML 5Page - Analog Devices AD5282BRUZ200 Datasheet HTML 6Page - Analog Devices AD5282BRUZ200 Datasheet HTML 7Page - Analog Devices AD5282BRUZ200 Datasheet HTML 8Page - Analog Devices AD5282BRUZ200 Datasheet HTML 9Page - Analog Devices AD5282BRUZ200 Datasheet HTML 10Page - Analog Devices AD5282BRUZ200 Datasheet HTML 11Page - Analog Devices AD5282BRUZ200 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5280/AD5282
Rev. C | Page 8 of
28
|VDD – VSS| (V)
–1.0
0
5
10
15
20
1.0
0.5
–0.5
0
RAB = 20kΩ
TA = 25°C
AVG +3σ
AVG
AVG –3σ
Figure 12. INL Over Supply Voltage
|VDD – VSS| (V)
–2.0
0
5
10
15
20
2.0
1.0
1.5
0.5
–1.0
–0.5
0
TEMPERATURE (°C)
2.0
1.6
1.8
1.2
1.4
0.4
0.8
0.6
0.2
1.0
0
–40
0
–20
20
40
60
80
100
RAB = 20kΩ
VDD/VSS = +5V/0V
VDD/VSS = +15V/0V
VDD/VSS = ±5V
TEMPERATURE (°C)
1000
100
10
1
–40
–7
26
59
85
Figure 15. Zero-Scale Error
–1.5
RAB = 20kΩ
TA = 25°C
AVG +3σ
AVG
AVG –3σ
Figure 13. R-INL Over Supply Voltage
RAB = 20kΩ
VLOGIC = +5V
VIH = +5V
VIL = 0V
TEMPERATURE (°C)
–1.8
–2.0
–40
0
–20
20
40
60
80
100
0
–0.4
–0.2
–0.8
–0.6
–1.6
–1.2
–1.4
–1.0
RAB = 20kΩ
VDD/VSS = +15V/0V
VDD/VSS = +5V/0V
VDD/VSS = ±5V
Figure 14. Full-Scale Error
|DD@VDD/VSS = ±5V
|SS@VDD/VSS = ±5V
|SS@VDD/VSS = +15V/0V
Figure 16. Supply Current vs. Temperature
TEMPERATURE (°C)
23.0
–40
–7
26
59
85
26.0
25.0
24.0
23.5
24.5
25.5
VDD/VSS = ±5V
VDD/VSS = +15V/0V
RAB = 20kΩ
Figure 17. VLOGIC Supply Current vs. Temperature


Similar Part No. - AD5282BRUZ200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5282BRU20 AD-AD5282BRU20 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5282BRU200 AD-AD5282BRU200 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
AD5282BRU50 AD-AD5282BRU50 Datasheet
156Kb / 10P
   15V, I2C Compatible Digital Potentiometers
REV PrE 12 MAR 02
More results

Similar Description - AD5282BRUZ200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5280BRUZ200 AD-AD5280BRUZ200 Datasheet
964Kb / 28P
   Single/Dual, 15 V/짹5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com