Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP6124ES0.5-F Datasheet(PDF) 8 Page - Exar Corporation

Part # XRP6124ES0.5-F
Description  Non-Synchronous PFET Step-Down Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6124ES0.5-F Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRP6124ES0.5-F Datasheet HTML 4Page - Exar Corporation XRP6124ES0.5-F Datasheet HTML 5Page - Exar Corporation XRP6124ES0.5-F Datasheet HTML 6Page - Exar Corporation XRP6124ES0.5-F Datasheet HTML 7Page - Exar Corporation XRP6124ES0.5-F Datasheet HTML 8Page - Exar Corporation XRP6124ES0.5-F Datasheet HTML 9Page - Exar Corporation XRP6124ES0.5-F Datasheet HTML 10Page - Exar Corporation XRP6124ES0.5-F Datasheet HTML 11Page - Exar Corporation XRP6124ES0.5-F Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
X
XR
RP
P6
61
12
24
4
N
No
on
n--S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PF
FE
ET
T S
Stte
ep
p--D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2011 Exar Corporation
8/12
Rev. 1.1.0
finished. If the feedback voltage drops below
0.55V, equivalent to output voltage dropping
below 69% of nominal, the comparator will
trip causing the IC to latch off. In order to
restart the XRP6124, the input voltage has to
be reduced below UVLO threshold and then
increased to its normal operating point.
SOFT
-START
To limit in-rush current the XRP6124 has an
internal soft-start. The nominal soft-start time
is 2ms and commences when VIN exceeds the
UVLO threshold. As explained above, the
short-circuit comparator is enabled as soon as
soft-start is complete. Therefore if the input
voltage has a very slow rising edge such that
at the end of soft-start the output voltage has
not reached 69% of its final value then the
XRP6124 will latch-off.
ENABLE
By applying a logic-level signal to the enable
pin EN the XRP6124 can be turned on and off.
Pulling the enable below 1V shuts down the
controller and reduces the VIN leakage current
to 1.5µA nominal as seen in figure 18. Enable
signal should always be applied after the input
voltage or concurrent with it. Otherwise
XRP6124 will latch up. In applications where
an independent enable signal is not available,
a Zener diode can be used to derive VEN from
VIN.
DISCONTINUOUS CONDUCTION MODE
, DCM
Because
XRP6124
is
a
non-synchronous
controller, when load current IOUT is reduced to
less than half of peak-to-peak inductor current
ripple ΔIL, the converter enters DCM mode of
operation. The switching frequency fs is now
IOUT dependent and no longer governed by the
relationship shown in table 2. As IOUT is
decreased so does fs until a minimum
switching frequency, typically in the range of
few hundred Hertz, is reached at no load. This
contributes to good converter efficiency at
light load as seen in figures 4 and 5. The
reduced
fs corresponding
to light
load,
however, increases the output voltage ripple
and causes a slight increase in output voltage
as seen in figures 8 and 9. Another effect of
reduced fs at light load is slow down of
transient
response
when
a
load
step
transitions from a high load to a light load.
This
is
shown
in
figures
16
and
17.
APPLICATION INFORMATION
SETTING THE OUTPUT VOLTAGE
Use an external resistor divider to set the
output voltage. Program the output voltage
from:
×
=
1
8
.
0
2
1
OUT
V
R
R
where:
R1 is the resistor between VOUT and FB
R2 is the resistor between FB and GND
(nominally 2kΩ)
0.8V is the nominal feedback voltage.
FEED
-FORWARD CAPACITOR CFF
CFF, which is placed in parallel with R1,
provides
a
low-impedance/high-frequency
path for the output voltage ripple to be
transmitted to FB. It also helps get an
optimum transient response. An initial value
for CFF can be calculated from:
1
1
.
0
2
1
R
fs
CFF
×
×
×
×
=
π
where:
fs is the switching frequency from table 2
This value can be adjusted as necessary to
provide an optimum load step transient
response.


Similar Part No. - XRP6124ES0.5-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6141 EXAR-XRP6141 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XRP6141EL-F EXAR-XRP6141EL-F Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XRP6141EL-F EXAR-XRP6141EL-F Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XRP6141ELMTR-F EXAR-XRP6141ELMTR-F Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XRP6141ELMTR-F EXAR-XRP6141ELMTR-F Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
More results

Similar Description - XRP6124ES0.5-F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2688 NSC-LM2688 Datasheet
147Kb / 8P
   Non-synchronous Step-down Controller for Pentium Microprocessors
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com