Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9313201MPA Datasheet(PDF) 5 Page - Analog Devices

Part # 5962-9313201MPA
Description  Low Power Video Op Amp with Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9313201MPA Datasheet(HTML) 5 Page - Analog Devices

  5962-9313201MPA Datasheet HTML 1Page - Analog Devices 5962-9313201MPA Datasheet HTML 2Page - Analog Devices 5962-9313201MPA Datasheet HTML 3Page - Analog Devices 5962-9313201MPA Datasheet HTML 4Page - Analog Devices 5962-9313201MPA Datasheet HTML 5Page - Analog Devices 5962-9313201MPA Datasheet HTML 6Page - Analog Devices 5962-9313201MPA Datasheet HTML 7Page - Analog Devices 5962-9313201MPA Datasheet HTML 8Page - Analog Devices 5962-9313201MPA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD810
REV. A
–5–
250
50
–60
+140
200
100
–40
150
+100 +120
+80
+60
+40
+20
0
–20
JUNCTION TEMPERATURE –
°C
VS = ±15V
VS = ±5V
Figure 7. Short Circuit Current vs. Temperature
10.0
0.01
100k
100M
10M
1M
10k
1.0
0.1
FREQUENCY – Hz
VS = ±5V
GAIN = 2
RF = 715Ω
VS = ±15V
Figure 9. Closed-Loop Output Resistance vs. Frequency
30
15
0
100k
1M
100M
10M
10
5
20
25
FREQUENCY – Hz
OUTPUT LEVEL FOR 3% THD
RL = 400Ω
VS = ±15V
±
VS = ±5V
Figure 11. Large Signal Frequency Response
Typical Characteristics–
120
20
+140
80
40
–40
60
–60
100
+120
+100
+80
+60
+40
+20
0
–20
JUNCTION TEMPERATURE –
°C
VS = 15V
VS = 5V
±
±
Figure 8. Linear Output Current vs. Temperature
100k
10k
1k
100
100k
1M
10M
100M
FREQUENCY – Hz
1M
Figure 10. Output Resistance vs. Frequency,
Disabled State
100
10
1
100
10
1
10
100
1k
10k
100k
INVERTING INPUT
CURRENT NOISE
VOLTAGE NOISE
FREQUENCY – Hz
VS = ±5V TO ±15V
NONINVERTING INPUT
CURRENT NOISE
Figure 12. Input Voltage and Current Noise vs. Frequency


Similar Part No. - 5962-9313201MPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9313201MPA AD-5962-9313201MPA Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
5962-9313201MPA AD-5962-9313201MPA Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
5962-9313201MPA AD-5962-9313201MPA Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
5962-9313201MPA AD-5962-9313201MPA Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
More results

Similar Description - 5962-9313201MPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810 AD-AD810_15 Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
   Fast Settling, Video Op Amp with Disable
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
Analog Devices
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
REV. B
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
[Old version datasheet]   Low Cost, Low Power, 110MHz Op Amp with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com