Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD835AN Datasheet(PDF) 8 Page - Analog Devices

Part # AD835AN
Description  250 MHz, Voltage Output,4-Quadrant Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835AN Datasheet(HTML) 8 Page - Analog Devices

Back Button AD835AN Datasheet HTML 4Page - Analog Devices AD835AN Datasheet HTML 5Page - Analog Devices AD835AN Datasheet HTML 6Page - Analog Devices AD835AN Datasheet HTML 7Page - Analog Devices AD835AN Datasheet HTML 8Page - Analog Devices AD835AN Datasheet HTML 9Page - Analog Devices AD835AN Datasheet HTML 10Page - Analog Devices AD835AN Datasheet HTML 11Page - Analog Devices AD835AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD835
Rev. D | Page 8 of 16
+1V
–1V
GND
500mV
10ns
Figure 9. Large Signal Pulse Response at W Output, RL = 150 Ω, CL ≤ 5 pF,
X Channel = ±1.0 V, Y Channel = ±1.0 V
0
20
40
60
80
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 10. CMRR vs. Frequency for X or Y Channel, RL = 150 Ω, CL ≤ 5 pF
–10
–20
–30
–40
–50
–60
300k
1M
10M
100M
1G
PSSR ON V–
PSSR ON V+
0dBm ON SUPPLY
X, Y = 1V
FREQUENCY (Hz)
Figure 11. PSRR vs. Frequency for V+ and V– Supply
10dB/DIV
10MHz
20MHz
30MHz
Figure 12. Harmonic Distortion at 10 MHz; 10 dBm Input to X or Y Channels,
RL = 150 Ω, CL = ≤ 5 pF
10dB/DIV
100MHz
50MHz
150MHz
Figure 13. Harmonic Distortion at 50 MHz, 10 dBm Input to X or Y Channel,
RL = 150 Ω, CL ≤ 5 pF
10dB/DIV
200MHz
100MHz
300MHz
Figure 14. Harmonic Distortion at 100 MHz, 10 dBm Input to X or Y Channel,
RL = 150 Ω, CL ≤ 5 pF


Similar Part No. - AD835AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD835AN AD-AD835AN Datasheet
200Kb / 8P
   250 MHz, Voltage Output 4-Quadrant Multiplier
REV. A
AD835AN AD-AD835AN Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
More results

Similar Description - AD835AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835_15 Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835 Datasheet
200Kb / 8P
   250 MHz, Voltage Output 4-Quadrant Multiplier
REV. A
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com