Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2945T-3-3TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2945T-3-3TR
Description  400mA Low Dropout Voltage Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945T-3-3TR Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2945T-3-3TR Datasheet HTML 1Page - Sipex Corporation SPX2945T-3-3TR Datasheet HTML 2Page - Sipex Corporation SPX2945T-3-3TR Datasheet HTML 3Page - Sipex Corporation SPX2945T-3-3TR Datasheet HTML 4Page - Sipex Corporation SPX2945T-3-3TR Datasheet HTML 5Page - Sipex Corporation SPX2945T-3-3TR Datasheet HTML 6Page - Sipex Corporation SPX2945T-3-3TR Datasheet HTML 7Page - Sipex Corporation SPX2945T-3-3TR Datasheet HTML 8Page - Sipex Corporation SPX2945T-3-3TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Date: 3/14/06
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2006 Sipex Corporation
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
Feedback Pin Bieas Current
0.1
nA/°C
Temperature Coefficient
Output Leakage Current
V0H=20V
0.01
1
µA
2
Output Low Voltage
VIN=4.5V
150
250
mV
I0L=400µA
400
Upper Threshold Voltage
(Note 6)
40
60
mV
25
Lower Threshold Voltage
(Note 6)
75
95
mV
140
Hysteresis
(Note 6)
15
mV
Input Logic Voltage
Low (Regulator ON)
0.7
V
High (Regulator OFF)
1.3
2.0
Shutdown Pin Input Current
VS=2.4V
30
50
µA
100
VS=26V
450
600
750
Regulator Output Current
(Note 7)
10
3
µA
in Shutdown
20
Thermal Resistance
TO-220-3
29.4
Theta Junction-Ambient θJA
TO-263-3
31.4
°C/W
TO-263-5
31.2
NSOIC-8
128.4
SOT-223
62.3
TO-252
50
ELECTRICAL CHARACTERISTICS: Continued
Electrical characteristics at V
IN = VO+1V, IO = 1mA, COUT = 2.2µF, TA = 25°C, unless otherwise specified. ♦ applies over the
full operating temperature range.
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by
the total temperature range.
Note 2: Unless otherwise specified all limits are guaranteed for T
j = 25°C, VIN = 6V, IL = 1mA and CL = 2.2µF. Additional
conditions for the 8-pin versions are feedback tied to 5V/3.3V tap and output tied to output sense (V
OUT = 5V) and
V
SHUTDOWN ≤ 0.8V.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes
in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 4: Line regulation for the SPX2945 is tested at 150°C for I
L = 1 mA. For TJ = 125°C, line regulation is guaranteed
by design.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below
its nominal value measured at 1V differential at very low values of programmed output voltage, the minimum input
supply voltage of 2V ( 2.3V over temperature) must be taken into account.
Note 6: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the
nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage change,
multiply by the error amplifier gain = V
OUT/VREF = (R1 + R2)/R2. For example, at a programmed output voltage of 5V,
the Error output is guaranteed to go low when the output drops by 95 mV x 5V/1.235 = 384 mV. Thresholds remain
constant as a percent of V
OUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.5%
guaranteed.
Note 7: V
SHUTDOWN ≥ 2V, VIN ≤ 26V, VOUT = 0, Feedback pin tied to 5V/3.3V Tap.


Similar Part No. - SPX2945T-3-3TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945T-3.3 SIPEX-SPX2945T-3.3 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results

Similar Description - SPX2945T-3-3TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com