Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2945R-3-3 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2945R-3-3
Description  400mA Low Dropout Voltage Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945R-3-3 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2945R-3-3 Datasheet HTML 1Page - Sipex Corporation SPX2945R-3-3 Datasheet HTML 2Page - Sipex Corporation SPX2945R-3-3 Datasheet HTML 3Page - Sipex Corporation SPX2945R-3-3 Datasheet HTML 4Page - Sipex Corporation SPX2945R-3-3 Datasheet HTML 5Page - Sipex Corporation SPX2945R-3-3 Datasheet HTML 6Page - Sipex Corporation SPX2945R-3-3 Datasheet HTML 7Page - Sipex Corporation SPX2945R-3-3 Datasheet HTML 8Page - Sipex Corporation SPX2945R-3-3 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date: 3/14/06
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2006 Sipex Corporation
SPX2945 - 5.0V BLOCK DIAGRAM
FEEDBACK
INPUT
OUTPUT
UNREGULATED DC
SHUTDOWN
GROUND
ERROR
______
5V TAP
SENSE
5V at 400mA
MAX
TO CMOS OR
TTL
REFERENCE
ERROR DETECTION
COMPARATOR
ERROR
AMPLIFIER
1.23V
FROM
CMOS OR
TTL
+
+
+
+
+
+
60 mV
3
7
8
1
2
6
5
4
.
60kΩ
330kΩ
180kΩ
.
.
1µF
_
_
External Capacitors
The stability of the SPX2945 requires a 2.2
µF or
greater capacitor between output and ground.
Oscillation could occur without this capacitor.
Most types of tantalum or aluminum electrolytic
works fine here. For operations of below -25
°C
solid tantalum is recommended since the many
aluminum types have electrolytes that freeze at
about -30
°C. The ESR of about 5Ω or less and
resonant frequency above 500kHz are the most
important parameters in the value of the capaci-
tor. The capacitor value can be increased with-
out limit.
At lower values of output current, less output
capacitance is required for stability. For the
currents below 10mA the value of the capacitor
can be reduced to 0.5
µF and 0.15µF for 1mA.
More output capacitance needed for the 8-pin
version at voltages below 5V since it runs the
error amplifier at lower gain. At worst case
4.7
µF or greater must be used for the condition
of 250mA load at 1.23V output.
The SPX2945, unlike other low dropout regu-
lators will remain stable and in regulation with
no load in addition to the internal voltage di-
vider. This feature is especially important in
applications like CMOS RAM keep-alive.
If there is more than 10 inches of wire between
the input and the AC filter capacitor, or if a
battery is used as the input, then a 0.1
µF tanta-
lum or aluminum electrolytic capacitor should
be placed from the input to the ground.
Instability can occur if there is stray capaci-
tance to the SPX2945 feedback terminal (pin 7).
This could cause more problems when using a
higher value of external resistors to set the
output voltage.
This problem can be fixed by adding a 100pF
capacitor between output and feedback and
increasing the output capacitor to at least 3.3
µF.
APPLICATION INFORMATION


Similar Part No. - SPX2945R-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945R-3.3 SIPEX-SPX2945R-3.3 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2945R-3.3 SIPEX-SPX2945R-3.3 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results

Similar Description - SPX2945R-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com