Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD910023 Datasheet(PDF) 11 Page - Advanced Linear Devices

Part # ALD910023
Description  QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD910023 Datasheet(HTML) 11 Page - Advanced Linear Devices

Back Button ALD910023 Datasheet HTML 7Page - Advanced Linear Devices ALD910023 Datasheet HTML 8Page - Advanced Linear Devices ALD910023 Datasheet HTML 9Page - Advanced Linear Devices ALD910023 Datasheet HTML 10Page - Advanced Linear Devices ALD910023 Datasheet HTML 11Page - Advanced Linear Devices ALD910023 Datasheet HTML 12Page - Advanced Linear Devices ALD910023 Datasheet HTML 13Page - Advanced Linear Devices ALD910023 Datasheet HTML 14Page - Advanced Linear Devices ALD910023 Datasheet HTML 15Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ALD810023, ALD810024, ALD810025,
Advanced Linear Devices, Inc.
11 of 17
ALD810026, ALD810027, ALD810028
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V V- = GND TA = 25°C unless otherwise specified
ALD810025
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Gate Threshold Voltage
Vt
2.48
2.50
2.52
V
VGS =VDS; IDS(ON) =1µA
Offset Voltage
VOS
520
mV
Vt1 - Vt2 or Vt3 - Vt4
Offset Voltage Tempco
TCVOS
5
µV/C
Vt1 - Vt2 or Vt3 - Vt4
Gate Threshold Voltage Tempco
TCVt
-2.2
mV/C
VGS =VDS; IDS(ON) =1µA
Drain Source On Current
IDS(ON)
0.0001
µAVGS =VDS =2.10V
Drain Source On Resistance
RDS(ON)
21000
MΩ
Drain Source On Current
IDS(ON)
0.001
µAVGS =VDS =2.20V
Drain Source On Resistance
RDS(ON)
2200
MΩ
Drain Source On Current
IDS(ON)
0.01
µAVGS =VDS =2.30V
Drain Source On Resistance
RDS(ON)
230
MΩ
Drain Source On Current
IDS(ON)
0.1
µAVGS =VDS =2.40V
Drain Source On Resistance
RDS(ON)
24
MΩ
Drain Source On Current
IDS(ON)
1
µAVGS =VDS =2.50V
Drain Source On Resistance
RDS(ON)
2.5
MΩ
Drain Source On Current
IDS(ON)
10
µAVGS =VDS =2.60V
Drain Source On Resistance
RDS(ON)
0.26
MΩ
Drain Source On Current
IDS(ON)
100
µAVGS =VDS =2.74V
Drain Source On Resistance
RDS(ON)
0.027
MΩ
Drain Source On Current
IDS(ON)
300
µAVGS =VDS =2.84V
Drain Source On Resistance
RDS(ON)
0.01
MΩ
Drain Source On Current
IDS(ON)
1000
µAVGS =VDS =3.02V
Drain Source On Resistance
RDS(ON)
0.003
MΩ
Drain Source On Current
IDS(ON)
3000
µAVGS =VDS =3.32V
Drain Source On Resistance
RDS(ON)
0.001
MΩ
Drain Source On Current
IDS(ON)
10000
µAVGS =VDS =3.92V
Drain Source On Resistance
RDS(ON)
0.0004
MΩ
Drain Source Breakdown Voltage
BVDSX
10.6
V
Drain Source Leakage Current1
IDS (OFF)
10
400
pA
VGS =VDS =Vt - 1.0
4nA
VGS =VDS =Vt - 1.0,
TA = +125°C
Gate Leakage Current1
IGSS
5
200
pA
VGS =5.0V, VDS =0V
1nA
VGS =5.0V, VDS =0V,
TA = +125°C
Input Capacitance
CISS
15
pF
VGS =0V, VDS =5.0V
Turn-on Delay Time
ton
10
ns
Turn-off Delay Time
toff
10
ns
Crosstalk
60
dB
f = 100KHz
ABSOLUTE MAXIMUM RATINGS
V+ to V- voltage
15.0V
Drain-Source voltage, VDS
10.6V
Gate-Source voltage, VGS
10.6V
Operating Current
80mA
Power dissipation
500mW
Operating temperature range SCL
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.


Similar Part No. - ALD910023

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD910023 ALD-ALD910023 Datasheet
550Kb / 17P
   SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
ALD910023 ALD-ALD910023 Datasheet
447Kb / 7P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD910023SAL ALD-ALD910023SAL Datasheet
447Kb / 7P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD910023SALI ALD-ALD910023SALI Datasheet
83Kb / 4P
   4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
ALD910023SALI ALD-ALD910023SALI Datasheet
56Kb / 4P
   2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD910023

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810017 ALD-ALD810017 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810018 ALD-ALD810018 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810016 ALD-ALD810016 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com