Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6644 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6644
Description  Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6644 Datasheet HTML 1Page - Sipex Corporation SP6644 Datasheet HTML 2Page - Sipex Corporation SP6644 Datasheet HTML 3Page - Sipex Corporation SP6644 Datasheet HTML 4Page - Sipex Corporation SP6644 Datasheet HTML 5Page - Sipex Corporation SP6644 Datasheet HTML 6Page - Sipex Corporation SP6644 Datasheet HTML 7Page - Sipex Corporation SP6644 Datasheet HTML 8Page - Sipex Corporation SP6644 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Date: 11/30/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
Refer to the circuit in
Figure 28, T
AMB = +25
oC unless otherwise noted.
Figure 11. Maximum Load Current vs. Vbatt
(Vout=3.3V), Li=22uH Sumida CD43
Figure 13. No Load Battery Current vs. Vbatt
(Vout=3.3V), Li=22uH Sumida CD43
Figure 14. Output Voltage vs. Temperature,
Rlim=2.5k, Rload=3k, (Vout=3.3V),Li=22uH Sumida CD43
Figure 16. Ibatt Pin Quiescent Current vs. Temperature,
(Vout=3.3V), Vbatt=1.0V
Figure 15. Io Pin Quiescent Current vs. Temperature,
(Vout=3.3V)
Figure 9. Line/Load vs. Output Current (Vout=5V),
Rlim=2.5k, Li=22uH Sumida CD43, Refer to figure 29,
R1=499k, R2=169k
Figure 10. Line/Load vs. Output Current (Vout=5V),
Rlim=5k, Li=22uH Sumida CD43, Refer to figure 29,
R1=499k, R2=169k
Figure 12. Maximum Load Current vs. Vbatt (Vout=5V),
Li=22uH Sumida CD43, Refer to Figure 29,
R1=499k, R2=169k
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
010 20
304050607080 90 100
Iload (mA)
Vb=1.3V
Vb=2.6V
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
010
20
3040
50
Iload (mA)
Vb=1.3V
Vb=2.6V
0
20
40
60
80
100
120
140
160
180
200
220
240
0.0
1.0
2.0
3.0
4.0
Vbatt (V)
Rlim=2.5K
Rlim=5K
0
20
40
60
80
100
120
140
160
180
200
220
240
0.0
1.0
2.0
3.0
4.0
Vbatt (V)
Rlim=2.5K
Rlim=5K
10
100
1000
10000
0.0
1.0
2.0
3.0
4.0
Vbatt (V)
Rlim=2.5k
Rlim=5k
3.27
3.28
3.29
3.30
3.31
3.32
3.33
-40
-20
0
20
40
60
80
100
Temperature (degC)
30
35
40
45
50
55
60
-40
-20
0
20
40
60
80
100
Temperature (degC)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
80
100
Temperature (degC)
PERFORMANCE CHARACTERISTICS


Similar Part No. - SP6644

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
145Kb / 5P
   Evaluation Board Manual
SP6644 SIPEX-SP6644 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency
More results

Similar Description - SP6644

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644EU-L SIPEX-SP6644EU-L Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
   High Efficiency Boost DC/DC Regulator
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
   HM1531 High Efficiency DC-DC Boost Regulator
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com