Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6BK-2214PUSP6B12VDC Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G6BK-2214PUSP6B12VDC
Description  PCB Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6BK-2214PUSP6B12VDC Datasheet(HTML) 6 Page - Omron Electronics LLC

  G6BK-2214PUSP6B12VDC Datasheet HTML 1Page - Omron Electronics LLC G6BK-2214PUSP6B12VDC Datasheet HTML 2Page - Omron Electronics LLC G6BK-2214PUSP6B12VDC Datasheet HTML 3Page - Omron Electronics LLC G6BK-2214PUSP6B12VDC Datasheet HTML 4Page - Omron Electronics LLC G6BK-2214PUSP6B12VDC Datasheet HTML 5Page - Omron Electronics LLC G6BK-2214PUSP6B12VDC Datasheet HTML 6Page - Omron Electronics LLC G6BK-2214PUSP6B12VDC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
178
G6B
G6B
G6B-2114P-US
G6B-2214P-US
G6B-2014P-US
G6B-2114P-US
G6B-2214P-US
*Average value
20 max.
(19.9)*
11 max.
(10.9)*
11 max.
(10.9)*
3.5
10.16
7.62
0.8
7.62
0.3
Tolerance:
±0.1
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
8
13
4
-
+
6
5
8
1
3
4
-
+
6
5
G6B-2014P-US
8
13
4
-
+
6
5
(1.1)
(1.2)
10.16
7.62
Six, 1.1-dia.
±0.1 holes
7.62
G6B-2114C-US
G6B-2214C-US
G6B-2014C-US
*Average value
20 max.
(19.9)*
11 max.
(10.9)*
11 max.
(10.9)*
3.5
10.16
3.2
7.62
7.62
0.8
0.3
G6B-2114C-US
G6B-2214C-US
Tolerance:
±0.1
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
(1.1)
(1.2)
10.16
7.62
Six, 1.1-dia.
±0.1 holes
7.62
8
13
4
-
+
6
5
8
1
3
4
-
+
6
5
G6B-2014C-US
8
13
4
-
+
6
5
11 max.
(10.9)*
11 max.
(10.9)*
Back Connecting Socket
P6B-04P
Mounting Holes (Bottom View)
*Average value
7.62
10.16
7.62
(2.71)
Four, 1.1-dia. holes
10 max.
(9.9)*
23.2 max.
(23)*
10.1 max.
(10)*


Similar Part No. - G6BK-2214PUSP6B12VDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6BK-2214PUS12VDC ETC1-G6BK-2214PUS12VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-2214PUS24VDC ETC1-G6BK-2214PUS24VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-2214PUS5VDC ETC1-G6BK-2214PUS5VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
G6BK-2214PUS6VDC ETC1-G6BK-2214PUS6VDC Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
More results

Similar Description - G6BK-2214PUSP6B12VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com