Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2403-263-00077 Datasheet(PDF) 9 Page - Knowles Electronics

Part # 2403-263-00077
Description  SPEAKER-16-4.7-MFD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

2403-263-00077 Datasheet(HTML) 9 Page - Knowles Electronics

Back Button 2403-263-00077 Datasheet HTML 5Page - Knowles Electronics 2403-263-00077 Datasheet HTML 6Page - Knowles Electronics 2403-263-00077 Datasheet HTML 7Page - Knowles Electronics 2403-263-00077 Datasheet HTML 8Page - Knowles Electronics 2403-263-00077 Datasheet HTML 9Page - Knowles Electronics 2403-263-00077 Datasheet HTML 10Page - Knowles Electronics 2403-263-00077 Datasheet HTML 11Page - Knowles Electronics 2403-263-00077 Datasheet HTML 12Page - Knowles Electronics 2403-263-00077 Datasheet HTML 13Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
page 9 of 22
2.
Electro-Acoustic Characteristics
2.1. Frequency response
Typical frequency response measured on baffle according to 2.4.
in measurement adapter according to 2.9
(distance d = 1cm,P= 125mW with 2cm back cavity)
Tolerance window
f
[Hz]
lower limit
[dB SPL]
upper limit
[dB SPL]
f
[Hz]
upper limit
[%THD]
300
95
300
15
400
85
900
15
700
114
1500
4
750
107
10000
4
900
107
114
1500
104
110
3000
102
4000
108
6000
103
111
10000
105
114
15000
102
112
2403 263 00077


Similar Part No. - 2403-263-00077

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
2403-263-00052 KNOWLES-2403-263-00052 Datasheet
1Mb / 14P
   RECEIVER-615-2.5-SC-JULIA-HAC
2403-263-00092 KNOWLES-2403-263-00092 Datasheet
704Kb / 25P
   8x15x1.5 HAC Receiver
More results

Similar Description - 2403-263-00077

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.2110 SCHURTER-7010.2110 Datasheet
260Kb / 2P
   Miniature Fuse, 4.7 x 16 mm, 125 VAC
7010.2110 SCHURTER-7010.2110_V01 Datasheet
238Kb / 3P
   Miniature Fuse, 4.7 x 16 mm, 125 VAC
7010.2110 SCHURTER-7010.2110_V02 Datasheet
301Kb / 3P
   Miniature Fuse, 4.7 x 16 mm, 125 VAC
09.12.2021
70102110 SCHURTER-70102110 Datasheet
392Kb / 2P
   Miniature Fuse, 4.7 x 16 mm, 125 VAC
logo
Belden Inc.
8470 BELDEN-8470 Datasheet
167Kb / 2P
   Speaker Cable, 2 #16 Str ETP-TC, Unjacketed
01-20-2023
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
   Loud Speaker & Notebook Speaker
logo
Schurter Inc.
231600P SCHURTER-231600P Datasheet
215Kb / 1P
   Shock-Safe Fuseholder, 4.7 x 16 mm, Fingergrip, Rear-Side
231600P SCHURTER-231600P_18 Datasheet
233Kb / 2P
   Shock-Safe Fuseholder, 4.7 x 16 mm, Fingergrip, Rear-Side
logo
Projects Unlimited, Inc...
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
   Speaker
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
   Speaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com