Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC-135 Datasheet(PDF) 1 Page - Epson Company

Part # FC-135
Description  kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

FC-135 Datasheet(HTML) 1 Page - Epson Company

  FC-135 Datasheet HTML 1Page - Epson Company FC-135 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal unit
Specifications (characteristics)
Item
Symbol
Specifications
Conditions / Remarks
FC-135
FC-135
FC-255
FC-255
Nominal frequency range
f_nom
32.768 kHz
32 kHz to
77.5 kHz
32.768 kHz
32 kHz to
100 kHz
Please contact us about available
frequencies.
Storage temperature
T_stg
-55
C to +125 C
Storage as single product.
Operating temperature
T_use
-40
C to +85 C
Level of drive
DL
0.5
W (1.0 W Max.)
0.5
W Max.
Please contact us if you require
1.0
W Max.
Frequency tolerance
(standard)
f_tol
20  10-6
+25
C, DL=0.1 W
Please ask for tighter tolerance
Turnover temperature
Ti
+25
C 5 C
Parabolic coefficient
B
-0.04
 10-6 / C2 Max.
Load capacitance
CL
7 pF, 9 pF, 12.5 pF
7 pF, 12.5 pF
Please specify
Motional resistance (ESR)
R1
70 k
 Max.
70 k
 to
45 k
65 k
 Max.
70 k
 to
30 k
Motional capacitance
C1
3.4 fF Typ.
3.7 fF to
1.6 fF
2.0 fF Typ.
2.3 fF to
0.6 fF
Shunt capacitance
C0
1.0 pF Typ.
1.3 pF to
0.5 pF
1.3 pF Typ.
1.7 pF to
0.9 pF
Frequency aging
f_age
3  10-6 / year Max.
+25
C, First year
External dimensions
(Unit:mm)
.
Footprint (Recommended)
(Unit:mm)
kHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
FC - 135 / FC - 255
Frequency range
:
32.768 kHz (32 kHz to 100 kHz)
External dimensions : 3.2 × 1.5 × 0.80 mm ···FC-135
:
4.9 × 1.8 × 0.80 mm ···FC-255
Overtone order
:
Fundamental
Applications
:
Small communications devices
Product Number (please contact us)
FC-135
: Q1xFC1350xxxx00
FC-255
: Q1xFC2550xxxx00
1.0
2.5
3.2±0.1
A501J
0.75
1.7
#1
#2
FC-135
#1
#2
Internal
Connection
FC-255
4.9±0.1
A501J
0.85
3.2
#1
#2
#1
#2
Internal
Connection
1.3
4.2
FC-255
FC-135
FC-255
FC-135
Do not design any circuit patterns in the shaded area.


Similar Part No. - FC-135

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FC-135 EPSONTOYOCOM-FC-135 Datasheet
331Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-135 EPSON-FC-135 Datasheet
467Kb / 2P
   kHz RANGE CRYSTAL UNIT
FC-135R EPSON-FC-135R Datasheet
467Kb / 2P
   kHz RANGE CRYSTAL UNIT
More results

Similar Description - FC-135

ManufacturerPart #DatasheetDescription
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-135 EPSONTOYOCOM-FC-135 Datasheet
331Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-12M EPSONTOYOCOM-FC-12M Datasheet
461Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13F EPSONTOYOCOM-FC-13F Datasheet
307Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-12D EPSON-FC-12D Datasheet
221Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
MC-146 EPSONTOYOCOM-MC-146 Datasheet
320Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com